Electronic Components Datasheet Search
  English  ▼

X  

GWH4 Datasheet(PDF) 35 Page - Clarke International

Part # GWH4
Description  MIG/MMA/TIG INVERTER WELDER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

GWH4 Datasheet(HTML) 35 Page - Clarke International

Back Button GWH4 Datasheet HTML 31Page - Clarke International GWH4 Datasheet HTML 32Page - Clarke International GWH4 Datasheet HTML 33Page - Clarke International GWH4 Datasheet HTML 34Page - Clarke International GWH4 Datasheet HTML 35Page - Clarke International GWH4 Datasheet HTML 36Page - Clarke International GWH4 Datasheet HTML 37Page - Clarke International GWH4 Datasheet HTML 38Page - Clarke International GWH4 Datasheet HTML 39Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 48 page
background image
35
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
• Thin sheet and stainless steel may be welded with or without filler, similar
to gas welding.
• The filler is fed in at the edge of the pool. The rod must not touch the tip of
the electrode or enter the arc. The end of the rod must always be shielded
by the argon atmosphere to prevent as far as possible the formation of
oxides of its surface. When welding stainless steel and copper, it is often
possible to feed in the filler continuously at the edge of the pool.
• The arc length generally varies between 3 and 6 mm depending on the
type of joint, type and thickness of material and so on.
• The torch is advanced in the direction of welding, without lateral
movement, maintaining the torch angle of 45o to the workpiece.
(A TIG torch kit is not supplied with the machine. These are available from your
CLARKE dealer (Part number 6012232/6012239).
WELDING SETTINGS TABLES
L-SHAPED BUTT WELDING
Metal
thickness
(mm)
Wire
diameter
(mm)
Root gap
G (mm)
Welding
current
(A)
Welding
voltage
(V)
Welding
speed
(cm/
min)
Gas Flow
(L/min)
0.8
0.8 - 0.9
0
60-70
16-16.5
50-60
10
1.0
0.8 - 0.9
0
75-85
17-17.5
50-60
10-15
1.2
0.8 - 0.9
0
80-90
17-18
50-60
10-15
1.6
0.8 - 0.9
0
95-105
18-19
45-50
10-15
2.0
1.0 - 1.2
0 - 0.5
110-120
19-19.5
45-50
10-15
2.3
1.0 - 1.2
0.5 - 1.0
120-130
19.5-20
45-50
10-15
3.2
1.0 - 1.2
1.0 - 1.2
140-150
20-21
45-50
10-15
4.5
1.0 - 1.2
1.0 - 1.5
140-150
22-23
40-50
15
6.0
1.2
1.2 - 1.5
170-185
24-26
40-50
15-20
9.0
1.2
1.2 - 1.5
320-340
32-34
40-50
15-20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com