Electronic Components Datasheet Search
  English  ▼

X  

S124 Datasheet(PDF) 86 Page - Renesas Technology Corp

Part # S124
Description  S124 Microcontroller Group
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S124 Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button S124 Datasheet HTML 82Page - Renesas Technology Corp S124 Datasheet HTML 83Page - Renesas Technology Corp S124 Datasheet HTML 84Page - Renesas Technology Corp S124 Datasheet HTML 85Page - Renesas Technology Corp S124 Datasheet HTML 86Page - Renesas Technology Corp S124 Datasheet HTML 87Page - Renesas Technology Corp S124 Datasheet HTML 88Page - Renesas Technology Corp S124 Datasheet HTML 89Page - Renesas Technology Corp S124 Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 107 page
background image
R01DS0264EU0140 Rev.1.40
Page 86 of 107
Sep 3, 2024
S124 Datasheet
2. Electrical Characteristics
2.9
POR and LVD Characteristics
Note 1. These characteristics apply when noise is not superimposed on the power supply. When a setting causes this
voltage detection level to overlap with that of the voltage detection circuit, it cannot be specified whether LVD1 or
LVD2 is used for voltage detection.
Note 2. # in the symbol Vdet0_# denotes the value of the OFS1.VDSEL1[2:0] bits.
Note 3. # in the symbol Vdet1_# denotes the value of the LVDLVLR.LVD1LVL[4:0] bits.
Note 4. # in the symbol Vdet2_# denotes the value of the LVDLVLR.LVD2LVL[2:0] bits.
Table 2.53
Power-on reset circuit and voltage detection circuit characteristics (1)
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
Voltage detection
level*1
Power-on reset (POR)
VPOR
1.27
1.42
1.57
V
Figure 2.66,
Figure 2.67
Voltage detection circuit (LVD0)*2
Vdet0_0
3.68
3.85
4.00
V
Figure 2.68
At falling edge
VCC
Vdet0_1
2.68
2.85
2.96
Vdet0_2
2.38
2.53
2.64
Vdet0_3
1.78
1.90
2.02
Vdet0_4
1.60
1.69
1.82
Voltage detection circuit (LVD1)*3
Vdet1_0
4.13
4.29
4.45
V
Figure 2.69
At falling edge
VCC
Vdet1_1
3.98
4.16
4.30
Vdet1_2
3.86
4.03
4.18
Vdet1_3
3.68
3.86
4.00
Vdet1_4
2.98
3.10
3.22
Vdet1_5
2.89
3.00
3.11
Vdet1_6
2.79
2.90
3.01
Vdet1_7
2.68
2.79
2.90
Vdet1_8
2.58
2.68
2.78
Vdet1_9
2.48
2.58
2.68
Vdet1_A
2.38
2.48
2.58
Vdet1_B
2.10
2.20
2.30
Vdet1_C
1.84
1.96
2.05
Vdet1_D
1.74
1.86
1.95
Vdet1_E
1.63
1.75
1.84
Vdet1_F
1.60
1.65
1.73
Voltage detection circuit (LVD2)*4
Vdet2_0
4.11
4.31
4.48
V
Figure 2.70
At falling edge
VCC
Vdet2_1
3.97
4.17
4.34
Vdet2_2
3.83
4.03
4.20
Vdet2_3
3.64
3.84
4.01
Table 2.54
Power-on reset circuit and voltage detection circuit characteristics (2) (1 of 2)
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
Wait time after power-on
Reset cancellation
LVD0:enable
tPOR
-1.7
-
ms
-
LVD0:disable
tPOR
-1.3
-
ms
-
Wait time after voltage
monitor 0,1,2 reset
cancellation
LVD0:enable*1
tLVD0,1,2
-0.6
-
ms
-
LVD0:disable*2
tLVD1,2
-0.2
-
ms
-
Response delay*3
tdet
--
350
μs
Figure 2.66, Figure 2.67
Minimum VCC down time
tVOFF
450
-
-
μs
Figure 2.66,
VCC = 1.0 V or above



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com