Electronic Components Datasheet Search
  English  ▼

X  

S124 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # S124
Description  S124 Microcontroller Group
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S124 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button S124 Datasheet HTML 6Page - Renesas Technology Corp S124 Datasheet HTML 7Page - Renesas Technology Corp S124 Datasheet HTML 8Page - Renesas Technology Corp S124 Datasheet HTML 9Page - Renesas Technology Corp S124 Datasheet HTML 10Page - Renesas Technology Corp S124 Datasheet HTML 11Page - Renesas Technology Corp S124 Datasheet HTML 12Page - Renesas Technology Corp S124 Datasheet HTML 13Page - Renesas Technology Corp S124 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 107 page
background image
R01DS0264EU0140 Rev.1.40
Page 10 of 107
Sep 3, 2024
S124 Datasheet
1. Overview
1.4
Function Comparison
Table 1.14
Function comparison
Parts number
R7FS124773A01CFM/
R7FS124763A01CFM/
R7FS124773A01CNB/
R7FS124773A01CFL/
R7FS124763A01CFL/
R7FS124773A01CNE
R7FS124773A01CNF
R7FS124772A01CLM/
R7FS124762A01CLM
Pin count
64
48
40
36
Package
LQFP/QFN
LQFP/QFN
QFN
LGA
Code flash memory
128/64 KB
Data flash memory
4 KB
SRAM
16 KB
Parity
4 KB
System
CPU clock
32 MHz
ICU
Yes
KINT
8
554
Event link
ELC
Yes
DMA
DTC
Yes
Timers
GPT32
1
GPT16
6
644
AGT
2
222
RTC
Yes
WDT/IWDT
Yes
Communication
SCI
3
IIC
2
SPI
2
CAN
Yes
USBFS
Yes
Analog
ADC14
18
14
12
11
DAC12
1
ACMPLP
2
TSN
Yes
HMI
CTSU
31
231713
KINT
8
554
Data processing
CRC
Yes
DOC
Yes
Security
AES and TRNG
I/O ports
I/O pins
48
32
26
22
Input pins
3
Pull-up
resistors
48
32
26
22
N-ch open-
drain outputs
19
14
11
9
5-V tolerance
5
4
2
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com