Electronic Components Datasheet Search
  English  ▼

X  

MK68564 Datasheet(PDF) 15 Page - STMicroelectronics

Part # MK68564
Description  SERIAL INPUT OUTPUT
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MK68564 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button MK68564 Datasheet HTML 11Page - STMicroelectronics MK68564 Datasheet HTML 12Page - STMicroelectronics MK68564 Datasheet HTML 13Page - STMicroelectronics MK68564 Datasheet HTML 14Page - STMicroelectronics MK68564 Datasheet HTML 15Page - STMicroelectronics MK68564 Datasheet HTML 16Page - STMicroelectronics MK68564 Datasheet HTML 17Page - STMicroelectronics MK68564 Datasheet HTML 18Page - STMicroelectronics MK68564 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 46 page
background image
in the Transmitter Control Register may also be u-
sed to signal the end of transmission. If this bit is set
to a one, its associated output pin (RTS) will go Low.
When this bit is reset to a zero, the RTS pin will go
High one bit time after the transmit clock that clocks
out the last stop bit, only if the transmit buffer is emp-
ty.
The Transmit Data output (TxD) is held marking
(High) after a reset or when the transmitter has no
data to send. Under program control, the Send
Break command can be issued to hold TxD spacing
(Low) until the command is cleared, even if the
transmitter is not enabled.
ASYNCHRONOUS RECEIVE
Asynchronous operation begins when the Receiver
Enable bit in the Receiver Control Register is set to
a one. If the Rx Auto Enables bit is also set, the Data
Carrier Detect (DCD) input pin must be Low as well.
The receiver will start assembling a character as
soon as a valid start bit is detected, if a clock mode
other than x1 is selected. A valid start bit is a High-
to-Low transition on the Receive Data input (RxD)
with the Low time lasting at least one-half bit time.
The High-to-Low transition starts an internal counter
and, at mid-bit time, the counter output is used to
sample the input signal to detect if it is still Low.
When this condition is satisfied, the following data
bits are sampled at mid-bit time until the entire char-
acter is assembled. The start bit detection logic is
then rearmed to detect the next High-to-Low trans-
ition. If the x1 clock mode is selected, the start bit de-
tection logic is disabled, and bit synchronization
must be accomplished externally. Receive data is
sampled on the rising edge of the Receiver Clock
(RxC).
The receiver may be programmed to assemble five
to eight data bits, plus a parity bit, into a character.
The character is right-justified in the shift register
and then transferred to the receive data FIFO. All da-
ta transfers to the FIFO are in eight-bit groups. If the
character length assembled is less than eight bits,
the receiver inserts ones in the unused bits. If parity
is enabled, the parity bit is transferred with the char-
acter, unless eight bits per character is program-
med, in which case, the parity bit is stripped from the
character before transfer.
A Receiver Interrupt request is generated every time
a character is shifted to the top of the receive data
FIFO, if Interrupt On All Receive Characters mode
is selected. The Rx Character Available bit in Status
Register 0 is also set to a one every time a character
is shifted to the top of the receive data FIFO. The Rx
Character Available bit is reset to a zero when the
receive buffer is read.
After a character is received, it is checked for the fol-
lowing error conditions :
Parity Error. If parity is enabled, the Parity Error bit
in Status Register 1 is set to a one whenever the pa-
rity bit of the received character does not match the
programmed parity. Once this bit is set, it remains
set (latched), until an Error Reset command
(Command 6) is issued. A Special Receive Condi-
tion interrupt is generated when this bit is set, if parity
is programmed as a Special Receive Condition.
Framing Error. The CRC/Framing Error bit in Sta-
tus Register 1 is set to a one, if the character is as-
sembled without a stop bit (a Low level detected ins-
tead of a stop bit). Thisbit is set only for the character
on which the framing error occurred ; it is updated
at every character time. Detection of a framing error
adds an additional one-half of a bit time to the char-
acter time, so the framing error is not interpreted as
a new start bit. A Special Receive Condition interrupt
is generated when this bit is set..
Overrun Error. If four or more characters are recei-
ved before the CPU (or other bus master) reads the
receive buffer, the fourth character assembled will
replace the third character in the receive data FIFO.
If more than four characters have been received, the
last character assembled will replace the third char-
acter in the data FIFO. The character that has been
written over is flagged with an overrun error in the
error FIFO.
When this character is shifted to the top of the re-
ceive data FIFO, the Receive Overrun Error bit in
Status Register 1 is set to a one ; the error bit is lat-
ched in the status register, and a Special Receive
Condition interrupt is generated. Like Parity Error,
this bit can only be reset by an Error Reset
Command.
Break Condition. A break character is defined as
a start bit, an all zero data word, and a zero in place
of the stop bit. When a break character is detected
in the receive data stream, the Break/Abort bit in
Status Register 0 is set to a one, and an Exter-
nal/Status interrupt is requested. This interrupt is
then followed by a Framing Error interrupt request
when the CRC/Framing Error bit in Status Register
1 is set. A Reset External/Status Interrupts
command (Command 2) should be issued to reini-
tialize the break detection interrupt logic. The recei-
ver will monitor the data stream input for the termi-
nation of the break sequence. When this condition
is detected, the Break/Abort bit will be reset, if
MK68564
15/46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com