Electronic Components Datasheet Search
  English  ▼

X  

AS7805A Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AS7805A
Description  1A 3-TERMINAL POSITIVE VOLTAGE REGULATOR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AS7805A Datasheet(HTML) 4 Page - Diodes Incorporated

  AS7805A Datasheet HTML 1Page - Diodes Incorporated AS7805A Datasheet HTML 2Page - Diodes Incorporated AS7805A Datasheet HTML 3Page - Diodes Incorporated AS7805A Datasheet HTML 4Page - Diodes Incorporated AS7805A Datasheet HTML 5Page - Diodes Incorporated AS7805A Datasheet HTML 6Page - Diodes Incorporated AS7805A Datasheet HTML 7Page - Diodes Incorporated AS7805A Datasheet HTML 8Page - Diodes Incorporated AS7805A Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
AS78XXA
Document number: DS36562 Rev. 6 - 2
4 of 28
www.diodes.com
May 2022
© Diodes Incorporated
AS78XXA
Absolute Maximum Ratings (Note 5)
Symbol
Parameter
Rating
Unit
VIN
Input Voltage
36
V
TLEAD
Lead Temperature (Soldering, 10sec)
+260
°C
PD
Power Dissipation
Internally Limited
W
TJ
Operating Junction Temperature
+150
°C
TSTG
Storage Temperature Range
-65 to +150
°C
JA
Thermal Resistance
TO-220-3/TO-220-3 (2)
60
°C/W
TO-252-2 (3)/TO-252-2
(4)/TO-252-2 (5)
100
TO-220F-3
60
ESD
ESD (Human Body Model)
6000
V
ESD
ESD (Machine Model)
500
V
Note:
5.
Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and
functional o
peration of the device at these or any other conditions beyond those indicated under “Recommended Operating Conditions” is not implied.
Exposure to “Absolute Maximum Ratings” for extended periods may affect device reliability.
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VIN
Input Voltage
AS7805A
—
25
V
AS7806A
—
26
AS7808A
—
28
AS7809A
—
29
AS7812A
—
32
AS7815A
—
32
AS7818A
—
32
TJ
Operating Junction Temperature Range
-40
+125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com