Electronic Components Datasheet Search
  English  ▼

X  

AS7805A Datasheet(PDF) 16 Page - Diodes Incorporated

Part # AS7805A
Description  1A 3-TERMINAL POSITIVE VOLTAGE REGULATOR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AS7805A Datasheet(HTML) 16 Page - Diodes Incorporated

Back Button AS7805A Datasheet HTML 12Page - Diodes Incorporated AS7805A Datasheet HTML 13Page - Diodes Incorporated AS7805A Datasheet HTML 14Page - Diodes Incorporated AS7805A Datasheet HTML 15Page - Diodes Incorporated AS7805A Datasheet HTML 16Page - Diodes Incorporated AS7805A Datasheet HTML 17Page - Diodes Incorporated AS7805A Datasheet HTML 18Page - Diodes Incorporated AS7805A Datasheet HTML 19Page - Diodes Incorporated AS7805A Datasheet HTML 20Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
AS78XXA
Document number: DS36562 Rev. 6 - 2
16 of 28
www.diodes.com
May 2022
© Diodes Incorporated
AS78XXA
Marking Information
(1)
TO-220-3/TO-220-3 (2)
(Front View)
(2)
TO-220F-3
(Front View)
AS78XXA
TF-XX
YWWAXX
First and Second Lines: Logo and Marking ID
(See Ordering Information)
Third Line: Date Code
Y: Year
WW: Work Week of Molding
A: Assembly House Code
XX: Internal Code
AS78XXA
T-XX
YWWAXX
AS78XXA
T-XX
YWWAXX
First and Second Lines: Logo and Marking ID
(See Ordering Information)
Third Line: Date Code
Y: Year
WW: Work Week of Molding
A: Assembly House Code
XX: Internal Code
AS78XXA
T-XX
YWWAXX
AS78XXA
T-XX
YWWAXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com