Electronic Components Datasheet Search
  English  ▼

X  

AS7805A Datasheet(PDF) 12 Page - Diodes Incorporated

Part # AS7805A
Description  1A 3-TERMINAL POSITIVE VOLTAGE REGULATOR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AS7805A Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button AS7805A Datasheet HTML 8Page - Diodes Incorporated AS7805A Datasheet HTML 9Page - Diodes Incorporated AS7805A Datasheet HTML 10Page - Diodes Incorporated AS7805A Datasheet HTML 11Page - Diodes Incorporated AS7805A Datasheet HTML 12Page - Diodes Incorporated AS7805A Datasheet HTML 13Page - Diodes Incorporated AS7805A Datasheet HTML 14Page - Diodes Incorporated AS7805A Datasheet HTML 15Page - Diodes Incorporated AS7805A Datasheet HTML 16Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
AS78XXA
Document number: DS36562 Rev. 6 - 2
12 of 28
www.diodes.com
May 2022
© Diodes Incorporated
AS78XXA
Performance Characteristics
Peak Output Current vs. Input/Output Differential Voltage
Output Voltage vs. Junction Temperature
Output Voltage vs. Output Current
Output Voltage vs. Input Voltage
Quiescent Current vs. Junction Temperature
Ripple Rejection vs. Frequency
3
6
9
12
15
18
21
24
0.0
0.5
1.0
1.5
2.0
2.5
T
J
=-40
OC
T
J
=25
OC
T
J
=125
OC
V
IN
-V
OUT
(V)
AS7805A
-40
-20
0
20
40
60
80
100
120
4.850
4.875
4.900
4.925
4.950
4.975
5.000
5.025
5.050
AS7805A
V
IN
=10V
I
OUT
=10mA
I
OUT
=1A
Junction Temperature (
OC)
0
200
400
600
800
1000
1200
1400
4.850
4.875
4.900
4.925
4.950
4.975
5.000
5.025
5.050
AS7805A
V
IN
=10V, T
J
=25
OC
Output Current (mA)
8
10
12
14
16
18
20
22
24
4.850
4.875
4.900
4.925
4.950
4.975
5.000
5.025
5.050
AS7805A
I
OUT
=500mA, T
J
=25
OC
I
OUT
=500mA, T
J
=75
OC
I
OUT
=1A, T
J
=25
OC
Input Voltage (V)
-40
-20
0
20
40
60
80
100
120
0
1
2
3
4
5
6
AS7805A
V
IN
=10V, I
OUT
=0
Junction Temperature (
OC)
10
100
1k
10k
100k
1M
0
20
40
60
80
100
Frequency (Hz)
AS7805A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com