Electronic Components Datasheet Search
  English  ▼

X  

AS7805A Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AS7805A
Description  1A 3-TERMINAL POSITIVE VOLTAGE REGULATOR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AS7805A Datasheet(HTML) 5 Page - Diodes Incorporated

  AS7805A Datasheet HTML 1Page - Diodes Incorporated AS7805A Datasheet HTML 2Page - Diodes Incorporated AS7805A Datasheet HTML 3Page - Diodes Incorporated AS7805A Datasheet HTML 4Page - Diodes Incorporated AS7805A Datasheet HTML 5Page - Diodes Incorporated AS7805A Datasheet HTML 6Page - Diodes Incorporated AS7805A Datasheet HTML 7Page - Diodes Incorporated AS7805A Datasheet HTML 8Page - Diodes Incorporated AS7805A Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
AS78XXA
Document number: DS36562 Rev. 6 - 2
5 of 28
www.diodes.com
May 2022
© Diodes Incorporated
AS78XXA
Electrical Characteristics
AS7805A (@ VIN = 10V, IOUT = 1A, TJ = -40 to +125°C, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VOUT
Output Voltage
TJ = +25°C
4.9
5
5.1
V
IOUT = 5mA to 1A, VIN = 7.5V to
20V, PD ≤ 15W
4.8
—
5.2
VRLINE
Line Regulation
VIN = 7.5V to 20V,
IOUT = 500mA, TJ = +25°C
—
25
50
mV
VRLOAD
Load Regulation
VIN = 10V, IOUT = 5mA to 1A,
TJ = +25°C
—
20
50
mV
IQ
Quiescent Current
VIN = 10V, IOUT = 0
—
3.2
6
mA
∆IQ
Quiescent Current Change
VIN = 8V to 25V, IOUT = 500mA,
TJ = +25°C
—
0.3
0.8
mA
IOUT = 5mA to 1A, TJ = +25°C
—
0.08
0.5
PSRR
Ripple Rejection
VIN = 8V to 18V, f = 120Hz,
IOUT = 500mA
—
70
—
dB
VDROP
Dropout Voltage
∆VOUT = 1%, IOUT = 1A,
TJ = +25°C
—
2
—
V
NO
Output Noise Voltage
f = 10Hz to 100kHz, TA = +25°C
—
10
—
µV/VO
RO
Output Resistance
f = 1kHz
—
10
—
mΩ
ISC
Short Circuit Current
VIN = 35V, TA = +25°C
—
0.05
—
A
IPK
Peak Output Current
VIN = 10V, TJ = +25°C
—
2.2
—
A
∆VOUT/∆T
Output Voltage Temperature
Coefficient
—
—
0.4
—
mV/°C
(
∆VOUT/VOUT)/∆T
—
—
80
—
ppm/°C
θJC
Thermal Resistance
TO-220-3/TO-220-3 (2)
—
9
—
°C/W
TO-252-2 (3)/
TO-252-2 (4)/
TO-252-2 (5)/
TO252 (Type CJ)
—
16
—
TO-220F-3
—
9
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com