Electronic Components Datasheet Search
  English  ▼

X  

AS7805A Datasheet(PDF) 18 Page - Diodes Incorporated

Part # AS7805A
Description  1A 3-TERMINAL POSITIVE VOLTAGE REGULATOR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AS7805A Datasheet(HTML) 18 Page - Diodes Incorporated

Back Button AS7805A Datasheet HTML 14Page - Diodes Incorporated AS7805A Datasheet HTML 15Page - Diodes Incorporated AS7805A Datasheet HTML 16Page - Diodes Incorporated AS7805A Datasheet HTML 17Page - Diodes Incorporated AS7805A Datasheet HTML 18Page - Diodes Incorporated AS7805A Datasheet HTML 19Page - Diodes Incorporated AS7805A Datasheet HTML 20Page - Diodes Incorporated AS7805A Datasheet HTML 21Page - Diodes Incorporated AS7805A Datasheet HTML 22Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
AS78XXA
Document number: DS36562 Rev. 6 - 2
18 of 28
www.diodes.com
May 2022
© Diodes Incorporated
AS78XXA
Package Outline Dimensions (All dimensions in mm(inch).)
Please see http://www.diodes.com/package-outlines.html for the latest version.
(1)
Package Type: TO-220-3
φ3.540(0.139)
1.150(0. 045)
0.813(0. 032)
2.540(0. 100)
0.356 (0.014)
2.040(0. 080)
3°
7°
3.560(0. 140)
7
°
9.660(0. 380)
0.510(0. 020)
0. 381(0. 015)
2.540(0.100)
φ1.500(0.059)
0. 200(0. 008)
2.540(0. 100)
0.610 (0.024)
3.420(0.135)
10.660(0. 420)
4.080(0. 161)
1.390(0. 055)
4.820(0. 190)
2.920(0. 115)
1.770(0. 070)
Option 1
Option 2
Option 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com