Electronic Components Datasheet Search
  English  ▼

X  

AS7805A Datasheet(PDF) 14 Page - Diodes Incorporated

Part # AS7805A
Description  1A 3-TERMINAL POSITIVE VOLTAGE REGULATOR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AS7805A Datasheet(HTML) 14 Page - Diodes Incorporated

Back Button AS7805A Datasheet HTML 10Page - Diodes Incorporated AS7805A Datasheet HTML 11Page - Diodes Incorporated AS7805A Datasheet HTML 12Page - Diodes Incorporated AS7805A Datasheet HTML 13Page - Diodes Incorporated AS7805A Datasheet HTML 14Page - Diodes Incorporated AS7805A Datasheet HTML 15Page - Diodes Incorporated AS7805A Datasheet HTML 16Page - Diodes Incorporated AS7805A Datasheet HTML 17Page - Diodes Incorporated AS7805A Datasheet HTML 18Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
AS78XXA
Document number: DS36562 Rev. 6 - 2
14 of 28
www.diodes.com
May 2022
© Diodes Incorporated
AS78XXA
Ordering Information
Part Number
Package
(Note 7)
Output
Voltage
(V)
RoHS
Compliant
Lead Free/
Green
Marking ID
Packing
Quantity
Status
(Note 6)
Alternative
AS7805ADTR-
E1
TO-252-2
(3)/(4)/(5)
TO252
(Type CJ)
5
Lead Free
AS7805AD-E1
Tape &
Reel
2500
NRND
AS7805ADTR-
G1
AS7805ADTR-
G1
5
Green
AS7805AD-G1
Tape &
Reel
2500
In
Production
—
AS7805AT-E1
TO-220-3/
(2)
5
Lead Free
AS7805AT-E1
Tube
1000
In
Production
—
AS7805AT-G1
5
Green
AS7805AT-G1
Tube
1000
In
Production
—
AS7805ATF-
E1
TO-220F-
3
5
Lead Free
AS7805ATF-
E1
Tube
1000
End of Life
—
AS7805ATF-
G1
5
Green
AS7805ATF-
G1
Tube
1000
End of Life
AS7806ADTR-
E1
TO-252-2
(3)/(4)/(5)
TO252
(Type CJ)
6
Lead Free
AS7806AD-E1
Tape &
Reel
2500
NRND
AS7806ADTR-
G1
AS7806ADTR-
G1
6
Green
AS7806AD-G1
Tape &
Reel
2500
In
Production
—
AS7806AT-E1
TO-220-3/
(2)
6
Lead Free
AS7806AT-E1
Tube
1000
In
Production
—
AS7806AT-G1
6
Green
AS7806AT-G1
Tube
1000
End of Life
AS7806AT-E1
AS7806ATF-
E1
TO-220F-
3
6
Lead Free
AS7806ATF-
E1
Tube
1000
End of Life
None
AS7806ATF-
G1
6
Green
AS7806ATF-
G1
Tube
1000
End of Life
None
AS7808ADTR-
E1
TO-252-2
(3)/(4)/(5)
TO252
(Type CJ)
8
Lead Free
AS7808AD-E1
Tape &
Reel
2500
End of Life
None
AS7808ADTR-
G1
8
Green
AS7808AD-G1
Tape &
Reel
2500
In
Production
—
AS7808AT-E1
TO-220-3/
(2)
8
Lead Free
AS7808AT-E1
Tube
1000
In
Production
—
AS7808AT-G1
8
Green
AS7808AT-G1
Tube
1000
End of Life
AS7808AT-E1
AS7808ATF-
E1
TO-220F-
3
8
Lead Free
AS7808ATF-
E1
Tube
1000
End of Life
—
AS7808ATF-
G1
8
Green
AS7808ATF-
G1
Tube
1000
End of Life
None
AS7809ADTR-
E1
TO-252-2
(3)/(4)/(5)
TO252
(Type CJ)
9
Lead Free
AS7809AD-E1
Tape &
Reel
2500
End of Life
AS78L05ZTR-
G1
AS7809ADTR-
G1
9
Green
AS7809AD-G1
Tape &
Reel
2500
In
Production
—
AS7809AT-E1
TO-220-3/
(2)
9
Lead Free
AS7809AT-E1
Tube
1000
In
Production
—
AS7809AT-G1
9
Green
AS7809AT-G1
Tube
1000
End of Life
AS7809AT-E1
AS7809ATF-
E1
TO-220F-
3
9
Lead Free
AS7809ATF-
E1
Tube
1000
End of Life
—
AS7809ATF-
G1
9
Green
AS7809ATF-
G1
Tube
1000
End of Life
Pb
Lead-Free
Pb
Lead-Free
Pb
Lead-Free
Pb
Lead-Free
Pb
Pb
Pb
Pb
Pb
Pb
Pb
Pb
Green
Green
Green
Green
Green
Green
Green
Green



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com