Electronic Components Datasheet Search
  English  ▼

X  

DA7282-00FVC Datasheet(PDF) 44 Page - Renesas Technology Corp

Part # DA7282-00FVC
Description  LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7282-00FVC Datasheet(HTML) 44 Page - Renesas Technology Corp

Back Button DA7282-00FVC Datasheet HTML 40Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 41Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 42Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 43Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 44Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 45Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 46Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 47Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 48Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 75 page
background image
LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
R15DS0041EE0330 Rev.3.30
June 16, 2026
CFR0011-120-00
Page 44
All frame parameters except COMMAND_TYPE, SNP_ID_L, GAIN, and TIMEBASE are optional. For a full
description, see Table 19.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Byte 1 =>
COMMAND_TYPE
= 0
GAIN [1:0]
TIMEBASE[1:0]
SNP_ID_L[2:0]
Byte 2 =>
COMMAND_TYPE
= 1
SNP_ID_LOOP[3:0]
FREQ_CMD
FREQ[8]
SNP_ID_H
Byte 3 =>
FREQ[7:0]
Figure 28. Command structure for a single frame
Table 19. Bit definitions for frame parameters
Byte
number
Register bit
definitions
Description
1 and/or 2
COMMAND_TYPE
COMMAND_TYPE labels the byte and tells the system how to interpret the
following seven LSBs.
COMMAND_TYPE = 0 in Byte 1
COMMAND_TYPE = 1 signifies Byte 2 is present
1
GAIN[1:0]
Gain applied to the snippet identified by SNP_ID_L/H:
00 = 0 dB
01 = -6 dB
10 = -12 dB
11 = -18 dB
1
TIMEBASE[1:0]
The timebase length of the snippet pointed to by the snippet ID. This register is
interpreted differently depending on FREQ_WAVEFORM_TIMEBASE:
If FREQ_WAVEFORM_TIMEBASE = 0 (default):
00 = 5.44 ms
01 = 21.76 ms
10 = 43.52 ms
11 = 87.04 ms
If FREQ_WAVEFORM_TIMEBASE = 1:
00 = 1.36 ms
01 = 5.44 ms
10 = 21.76 ms
11 = 43.52 ms
1
SNP_ID_L[2:0]
SNP_ID_L is mandatory and contains the LSBs of the snippet ID (SNP_ID). Up to
eight snippets can be addressed.
2
SNP_ID_LOOP[3:0]
SNP_ID_LOOP is the loop multiplier of the snippet identified by SNP_ID_L/H and
shows how many times a snippet is looped. If not present, the loop multiplier is 1.
The number of loop iterations is equal to SNP_ID_LOOP + 1 (that is, 0 = 1 iteration,
15 = 16 iterations). When the loop multiplier is > 1, playback begins from P1 instead
of P0, see Figure 27, after the first playback loop is complete.
2
FREQ_CMD
If FREQ_CMD = 1, the frame is a 3-byte command with frequency information. The
frequency information is stored in FREQ[7:0].
2
FREQ[8]
Drive frequency MSB. The total frequency range is represented by the 9-bit
concatenation of FREQ[8] and FREQ[7:0] (possible values: 0 to 511), which
corresponds to the range 1 Hz to 1024 Hz. The LSB step size is 2 Hz and values
below 25 Hz are interpreted as 25 Hz. The result is also converted from frequency
to period and stored in the FRQ_LRA_PER_ACT_x registers for read-back.
2
SNP_ID_H
SNP_ID_H is the MSB of the snippet ID (SNP_ID). This can be used to increase the
range of addressable snippets from 8 to 16. This bit is optional and if not present
SNP_ID_H = 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com