Electronic Components Datasheet Search
  English  ▼

X  

DA7282-00FVC Datasheet(PDF) 48 Page - Renesas Technology Corp

Part # DA7282-00FVC
Description  LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7282-00FVC Datasheet(HTML) 48 Page - Renesas Technology Corp

Back Button DA7282-00FVC Datasheet HTML 44Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 45Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 46Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 47Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 48Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 49Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 50Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 51Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 52Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 75 page
background image
LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
R15DS0041EE0330 Rev.3.30
June 16, 2026
CFR0011-120-00
Page 48
100 %
0
-100 %
0xF
0xE
0xD
.
.
.
0x2
0x1
0x0
N/A
N/A
N/A
.
.
.
N/A
N/A
0x7F
0x7E
0x7D
.
.
.
0x02
0x01
0x00
0xFF
0xFE
0xFD
.
.
.
0x81
0x80
PWM
[Mark / space]
DRO
MEM
FULL_BRAKE_THRS[3:0]
full brake
(only for PWM)
Drive positive direction
100%
0%
Waveform/Data source
Driving Strength in ENV GEN
[%]
Data format for ERM and LRA
ACCELERATION_EN = 1
4 bits
uns.
8 bits
2's c.
Drive negative direction
Figure 32. Overview of data formats with acceleration enabled
6.9.1
DRO Mode
DRO data is supplied from I2C and is interpreted as 8-bit two’s complement signed number.
▪ For ACCELERATION_EN = 0:
• The most negative value corresponds to -100 % driving strength.
• The most positive value corresponds to +100 % driving strength.
• A zero value corresponds to no drive.
• The full range is between 127 (100 %) and -127 (-100 %), with -128 interpreted as -127 to keep the ranges
symmetrical
▪ For ACCELERATION_EN = 1:
• Negative values are omitted and substituted with zero.
• The most positive value corresponds to +100 % driving strength.
• Zero value corresponds to no drive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com