Electronic Components Datasheet Search
  English  ▼

X  

DA7282-00FVC Datasheet(PDF) 57 Page - Renesas Technology Corp

Part # DA7282-00FVC
Description  LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7282-00FVC Datasheet(HTML) 57 Page - Renesas Technology Corp

Back Button DA7282-00FVC Datasheet HTML 53Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 54Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 55Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 56Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 57Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 58Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 59Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 60Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 75 page
background image
LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
R15DS0041EE0330 Rev.3.30
June 16, 2026
CFR0011-120-00
Page 57
Table 28: FRQ_LRA_PER_H (0x000A)
Bit
Mode
Symbol
Description
Reset
[7:0]
RW
LRA_PER_H
Used for specifying the LRA drive frequency. MS-bits of the
initial LRA resonant frequency period.
������������������_������������������[14: 0] =
1
������������������������������������������ × 1333.32 × 10−9
������������������_������������������_������[7: 0]
=
������������������_������������������[14: 0] − ������������������_������������������_������[6: 0]
128
������������������_������������������_������[6: 0]
= ������������������_������������������[14: 0]
− 128 × ������������������_������������������_������[7: 0]
Where LRAfreq represents the LRA resonant frequency (in Hz) as
listed in the actuator datasheet. See Section 6.6.2.
Default corresponds to 174 Hz.
0x21
Table 29. FRQ_LRA_PER_L (0x000B)
Bit
Mode
Symbol
Description
Reset
[6:0]
RW
LRA_PER_L
Used for specifying the LRA drive frequency. LS-bits of the initial
LRA resonant frequency period.
������������������_������������������[14: 0] =
1
������������������������������������������ × 1333.32 × 10−9
������������������_������������������_������[7: 0] =
������������������_������������������[14: 0] − ������������������_������������������_������[6: 0]
128
������������������_������������������_������[6: 0]
= ������������������_������������������[14: 0]
− 128 × ������������������_������������������_������[7: 0]
Where LRAfreq represents the LRA resonant frequency in Hz as
listed in the actuator datasheet. See Section 6.6.2.
Default corresponds to 174 Hz.
0x4F
Table 30. ACTUATOR1 (0x000C)
Bit
Mode
Symbol
Description
Reset
[7:0]
RW
ACTUATOR_NOMMAX
Nominal actuator voltage rating, unsigned, see Section 6.6.2
Sets full-scale of unsigned haptic waveform when acceleration
enabled (ACCELERATION_EN = 1)
������������������������������������������������_������������������������������������ =
������������������������������������������������������_������������������������������������
23.4 × 10−3
Default: 0x5A = 2.106 V
0x5A
Table 31. ACTUATOR2 (0x000D)
Bit
Mode
Symbol
Description
Reset
[7:0]
RW
ACTUATOR_ABSMAX
Absolute actuator maximum voltage rating, see Section 6.6.2.
Overdrive is limited to this value when acceleration enabled
(ACCELERATION_EN = 1)
Sets full-scale of unsigned haptic waveform when acceleration
disabled
������������������������������������������������_������������������������������������ =
������������������������������������������������������_������������������������������������
23.4 × 10−3
Default: 0x78 = 2.808 V
0x78



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com