Electronic Components Datasheet Search
  English  ▼

X  

DA7282-00FVC Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # DA7282-00FVC
Description  LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7282-00FVC Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button DA7282-00FVC Datasheet HTML 12Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 13Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 14Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 15Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 16Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 17Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 18Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 19Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 75 page
background image
LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
R15DS0041EE0330 Rev.3.30
June 16, 2026
CFR0011-120-00
Page 16
6.1.2.1.1 Wideband LRA Support
Wideband LRAs respond across a frequency range typically several times wider than narrowband ones, as
demonstrated in Figure 6, and can be used in combination with DA7282 to create a richer haptic feedback
experience by utilizing the increased vibrational frequency range, see Section 6.5.
Frequency [Hz]
1
0.5
200
Wideband LRA
Standard
Narrowband LRA
Figure 6. Narrowband and wideband LRA response across frequency
Dual mode actuators (DMA) consist of two modes of vibration in different axes around different resonance
points, depending on actuator construction. The two resonant points, wide response frequency, and different
direction of vibration allow immersive gaming experience with multiple unique feedback effects. Figure 7 shows a
typical DMA response, vibration in the y-axis occurs if the DMA is driven at 100 Hz and vibration in the x-axis
occurs if the DMA is driven at 200 Hz.
Frequency [Hz]
1
0.5
200
X-axis Resonance
100
Y-axis Resonance
Useful Operating Range
X-axis Vibration
Dual Mode LRA
Figure 7. Dual mode LRA response across frequency
The ability of DA7282 to control the frequency (25 Hz to 1000 Hz) and amplitude of the drive over time as well as
the type of output wave allows the use of wideband sequences fully utilizing the capabilities of wideband and
dual mode actuators for creating a richer user experience, see Section 6.7.5. Example use cases in DMAs are
excitation of both resonant peaks simultaneously for maximum perceptible vibration or distinct single-frequency
event-signaling clicks at different resonant frequencies and physical directions. Both DMAs and wideband LRAs
can also be used to augment user audio experience by playing audio-derived haptic sequences over their useful
frequency operating range.
DA7282 supports all of the above use cases and drives wideband LRAs via I2C or wideband Waveform Memory
sequences triggered by I2C or GPIs. The output drive can be configured as either square wave, sine wave, or
custom wave to create different end effects, see Section 6.7.6.
Usually, LRA resonant frequency tracking is disabled during wideband operation. However, it can be enabled to
either locate the resonant peak of wideband actuators, or to operate at a selected DMA resonance point and
achieve the maximum possible actuator acceleration for a set input power, see Section 6.3 and Section 6.7.1.
6.1.2.1.2 I2C and PWM Input Streaming
Haptic playback data can be streamed externally either via I2C direct register override or from a PWM data
source, see Section 6.2.2. The external input data PWM frequency is independent of the output PWM signal
frequency driven to the actuator. The input PWM signal is low-pass filtered to create a varying DC level that is
the envelope for the drive across the actuator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com