Electronic Components Datasheet Search
  English  ▼

X  

DA7282-00FVC Datasheet(PDF) 47 Page - Renesas Technology Corp

Part # DA7282-00FVC
Description  LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7282-00FVC Datasheet(HTML) 47 Page - Renesas Technology Corp

Back Button DA7282-00FVC Datasheet HTML 43Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 44Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 45Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 46Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 47Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 48Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 49Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 50Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 51Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 75 page
background image
LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
R15DS0041EE0330 Rev.3.30
June 16, 2026
CFR0011-120-00
Page 47
6.9
General Data Format
This section describes the data format used by the three different data input sources (DRO, PWM, and
Waveform Memory). Four bits are used for storing the envelope value of snippets in Waveform Memory.
Interpretation of the data is different depending on ACCELERATION_EN. For an overview of the data
interpretation with and without Active Acceleration enabled, see Figure 31 and Figure 32.
100 %
0
-100 %
0x7
0x6
0x5
.
.
.
0x2
0x1
0x0
0xF
0xE
0xD
.
.
.
0x9
0x8
0x7F
0x7E
0x7D
.
.
.
0x02
0x01
0x00
0xFF
0xFE
0xFD
.
.
.
0x81
0x80
PWM
[Mark / space]
DRO
MEM
FULL_BRAKE_THRS[3:0]
full brake
(only for PWM)
Drive positive direction
Drive negative direction
100%
50%
0%
Waveform/Data source
Driving Strength
[%]
Data format for ERM and LRA
ACCELERATION_EN = 0
4 bits
2's c.
8 bits
2's c.
Figure 31. Overview of data formats with acceleration disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com