Electronic Components Datasheet Search
  English  ▼

X  

DA7282-00FVC Datasheet(PDF) 72 Page - Renesas Technology Corp

Part # DA7282-00FVC
Description  LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7282-00FVC Datasheet(HTML) 72 Page - Renesas Technology Corp

Back Button DA7282-00FVC Datasheet HTML 67Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 68Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 69Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 70Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 71Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 72Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 73Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 74Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 75Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 72 / 75 page
background image
LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
R15DS0041EE0330 Rev.3.30
June 16, 2026
CFR0011-120-00
Page 72
12. Layout Guidelines
For optimal layout, place the 100 nF capacitor as close to VDD and GND_1 pins as possible. It is also advisable
to use a solid ground plane under the device.
The QFN can be routed out on a single layer. It is recommended to connect GND_1 and GND_2 to a local
ground plane on the top layer with a low-impedance via connection to the main ground plane, see Figure 44.
nIRQ
VIA
VIA
VIA
VIA
VIA TO
VDD
LAYER
VIA TO GND LAYER
SOLID GND
CONNECTION
ON TOP LAYER
100 nF Capacitor
0201 (0603)
SCL
SDA
GPI_1
GPI_2
VDDIO/
EN
GPI_0/
PWM
OUTN
GND_2
VDD
OUTP
GND_1
Figure 43. WLCSP example PCB layout
VIA
VIA
VIAS TO
GND LAYER
SOLID GND
CONNECTION
ON TOP LAYER
100 nF Capacitor
0603 (1608)
VIA
VIA
nIRQ
SCL
SDA
VDDIO/EN
OUTN
GND_1
GND_2
OUTP
VDD
GPI_2
GPI_1
GPI_0/PWM
Figure 44. QFN example PCB layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com