Electronic Components Datasheet Search
  English  ▼

X  

AXBM2001 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # AXBM2001
Description  VARIABLE SPEED 2-PHASE FAN MOTOR CONTROLLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

AXBM2001 Datasheet(HTML) 1 Page - Zetex Semiconductors

  AXBM2001 Datasheet HTML 1Page - Zetex Semiconductors AXBM2001 Datasheet HTML 2Page - Zetex Semiconductors AXBM2001 Datasheet HTML 3Page - Zetex Semiconductors AXBM2001 Datasheet HTML 4Page - Zetex Semiconductors AXBM2001 Datasheet HTML 5Page - Zetex Semiconductors AXBM2001 Datasheet HTML 6Page - Zetex Semiconductors AXBM2001 Datasheet HTML 7Page - Zetex Semiconductors AXBM2001 Datasheet HTML 8Page - Zetex Semiconductors AXBM2001 Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
ZXBM200x SERIES OF VARIABLE SPEED 2-PHASE
FAN MOTOR CONTROLLER
PURPOSE
This Applications document is intended to aid
users in their development of the controller
electronics for fan and blower motors using
the ZXBM200x series of variable speed,
2-phase, DC brushless motor controllers.
The document will not discuss mechanical
details of motor design including such
aspects as the position of commutation in
relationship to windings etc, for which it is
assumed the user already has prior
knowledge.
ZXBM200x DESCRIPTION
The ZXBM200x is a series of 2-phase, DC
brushless motor pre-drivers with variable
speed control suitable for fan and blower
motors. A full description is to be found in the
device Datasheet available by logging on to
www.zetex.com/zxbm.
There are three variants available for the
controller and all are identical in every aspect
except the Lock and FG output functions on
Pin 6. The output on the ZXBM2003 is
rotational frequency FG, on the ZXBM2002
the pin indicates when the controller in the
Lock state whilst in the ZXBM2001 the output
is a combination of both the Lock and FG
signals.
For the purpose of aiding clarity in this
document the device Block Diagram and
Pinout Diagram.
AN 36 - 1
Applications Note AN36
Issue 1 - JULY 2002
Block Diagram
The Pinning is shown for the ZXBM2001 as this is the variant
discussed and illustrated in this document. Applications for
the ZXBM2002 and ZXBM2003 will be identical with the only
difference being the function of Pin 6 as discussed above.
Pinout Diagram


Similar Part No. - AXBM2001

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
AXB030X43-SR LINEAGEPOWER-AXB030X43-SR Datasheet
567Kb / 19P
18/20 - 30Vdc input; 3.0 - 6.0Vdc & 5.0 - 15.0Vdc Output; 30& 50W
AXB030X43-SRZ LINEAGEPOWER-AXB030X43-SRZ Datasheet
567Kb / 19P
18/20 - 30Vdc input; 3.0 - 6.0Vdc & 5.0 - 15.0Vdc Output; 30& 50W
AXB050X43-SR LINEAGEPOWER-AXB050X43-SR Datasheet
567Kb / 19P
18/20 - 30Vdc input; 3.0 - 6.0Vdc & 5.0 - 15.0Vdc Output; 30& 50W
AXB050X43-SRZ LINEAGEPOWER-AXB050X43-SRZ Datasheet
567Kb / 19P
18/20 - 30Vdc input; 3.0 - 6.0Vdc & 5.0 - 15.0Vdc Output; 30& 50W
AXB070X43 LINEAGEPOWER-AXB070X43 Datasheet
629Kb / 14P
20-30Vdc input; 5.0 - 15.0Vdc Output; 70W
More results

Similar Description - AXBM2001

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXBM2001 ZETEX-ZXBM2001 Datasheet
269Kb / 8P
VARIABLE SPEED 2-PHASE FAN MOTOR CONTROLLER
ZXBM2004 ZETEX-ZXBM2004 Datasheet
249Kb / 12P
VARIABLE SPEED 2-PHASE BLDC MOTOR CONTROLLER
ZXBM1016 ZETEX-ZXBM1016 Datasheet
252Kb / 12P
High efficiency variable speed single-phase fan motor controller
ZXBM2001 ZETEX-ZXBM2001_04 Datasheet
258Kb / 10P
VARIABLE SPEED 2-PHASE FAN MOTOR CONTROLLER
logo
List of Unclassifed Man...
AMC8500 ETC2-AMC8500 Datasheet
715Kb / 27P
TWO PHASE VARIABLE SPEED FAN MOTOR CONTROLLER
AMC8510 ETC2-AMC8510 Datasheet
306Kb / 3P
SINGLE PHASE VARIABLE SPEED FAN MOTOR CONTROLLER
AMC8520 ETC2-AMC8520 Datasheet
92Kb / 2P
SINGLE PHASE VARIABLE SPEED ADVANCED FAN CONTROLLER
logo
Diodes Incorporated
ZXBM1016 DIODES-ZXBM1016 Datasheet
266Kb / 12P
High efficiency variable speed single-phase fan motor controller
FEBRUARY 2007
ZXBM2001 DIODES-ZXBM2001 Datasheet
234Kb / 10P
VARIABLE SPEED 2-PHASE FAN MOTOR CONTROLLER
OCTOBER 2004
ZXBM2004 DIODES-ZXBM2004 Datasheet
224Kb / 12P
VARIABLE SPEED 2-PHASE BLDC MOTOR CONTROLLER
MAY 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com