Electronic Components Datasheet Search
  English  ▼

X  

AXBM2001 Datasheet(PDF) 5 Page - Zetex Semiconductors

Part # AXBM2001
Description  VARIABLE SPEED 2-PHASE FAN MOTOR CONTROLLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

AXBM2001 Datasheet(HTML) 5 Page - Zetex Semiconductors

  AXBM2001 Datasheet HTML 1Page - Zetex Semiconductors AXBM2001 Datasheet HTML 2Page - Zetex Semiconductors AXBM2001 Datasheet HTML 3Page - Zetex Semiconductors AXBM2001 Datasheet HTML 4Page - Zetex Semiconductors AXBM2001 Datasheet HTML 5Page - Zetex Semiconductors AXBM2001 Datasheet HTML 6Page - Zetex Semiconductors AXBM2001 Datasheet HTML 7Page - Zetex Semiconductors AXBM2001 Datasheet HTML 8Page - Zetex Semiconductors AXBM2001 Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
One problem with using an external potential
divider (R1 & R2 in Figure 5) is that the motor
becomes susceptible to supply voltage
changes. Say the supply voltage falls,
normally the speed would drop due to less
voltage across the windings, however as the
potential divider is across the supply, as the
voltage falls so the voltage at the SPD pin will
fall. As a lower SPD voltage represents a
higher speed so a lowering of the supply
therefore causes the fan to speed up. To
overcome this it is probably best to use a
Zener regulated supply to the ZXBM200x.
The following Table 1 gives an indication of
the values required for R1 and R2 against
different thermistor values. It should be
noted that these are only for guidance as the
final value will depend upon the thermistor
and motor characteristics and so will need
fine adjustment by experimentation. If the
ZXBM200x device is to be run from a Zener
regulated supply to control the speed verses
supply voltage variation so R1 and R2 will
need allowances made for the voltage value
of Zener chosen.
As the Bipolar drivers have a slower turn-off
characteristics when driven from the
ZXCB200x series slightly different values of
R2 are required over those for MOSFETs.
When driving the SPD pin from a signal or
thermistor remote from the fan or controller
there may be a need to provide noise
protection at the SPD pin. In order to maintain
a smooth speed control characteristic this
will take the form of a capacitor of between
100nF and 1 F connected between the SPD
and Gnd pins somewhere close to the device.
This should suffice for most purposes and
can be determined for each particular
application.
A capacitor on this pin also has an effect on
the start-up characteristic of the motor as the
charging of the capacitor will lag behind the
rise of the supply voltage. As a low voltage on
the SPD pin represents a higher speed the
effect at start-up, if the SPD value is not set for
full speed, will be for the motor speed to
increase past its allotted point before settling
back to that required. Whilst for the capacitor
values stated above this effect may not be
noticeable, for values greater than 1 Fitcan
be used to advantage. In situations where the
motor will be regularly started at a speed
lower than its practical start value it can help
to get motors started, in effect giving the
motor a ‘kick’ to start it.
AN 36 - 5
Applications Note AN36
Issue1 - JULY 2002
Thermistor
Value
Supply
Voltage
MOSFET
Bipolar
R1
R2
R1
R2
4.7k
5V
3.3k
2.2k
3.3k
1.5k
12V
6.8k
1.2k
6.8k
1.0k
24V
15k
1.3k
15k
1.0k
10k
5V
5.6k
3.3k
5.6k
2.4k
12V
13k
2.2k
13k
1.8k
24V
36k
3.3k
33k
2.2k
47k
5V
24k
12k
22k
8.6k
12V
56k
9.1k
56k
7.5k
24V
130k
10k
130k
8.6k
100k
5V
***
*
12V
*
*
*
*
24V
*
*
*
*
Table 1
* Note: Not normally required - dependent upon
thermistor and speed range needed.
Figure 5
showing resistive divider used with <100k
thermistors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com