Electronic Components Datasheet Search
  English  ▼

X  

AXBM2001 Datasheet(PDF) 13 Page - Zetex Semiconductors

Part # AXBM2001
Description  VARIABLE SPEED 2-PHASE FAN MOTOR CONTROLLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

AXBM2001 Datasheet(HTML) 13 Page - Zetex Semiconductors

Back Button AXBM2001 Datasheet HTML 6Page - Zetex Semiconductors AXBM2001 Datasheet HTML 7Page - Zetex Semiconductors AXBM2001 Datasheet HTML 8Page - Zetex Semiconductors AXBM2001 Datasheet HTML 9Page - Zetex Semiconductors AXBM2001 Datasheet HTML 10Page - Zetex Semiconductors AXBM2001 Datasheet HTML 11Page - Zetex Semiconductors AXBM2001 Datasheet HTML 12Page - Zetex Semiconductors AXBM2001 Datasheet HTML 13Page - Zetex Semiconductors AXBM2001 Datasheet HTML 14Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Biplolar driver active switch off
The problems of base turn off when driving
bipolar d evices has b een mentioned
previously. Figure 21 is an active turn off
circuit that can be added to each phase drive
transistor of the circuits shown in Figures 7 or
8. The transistor Q3A and Q3B can of the
multi-pack type and forms a simple double
inverter function to actively discharge the
base charge of Q1.
Removal of Speed Variation with
Supply Voltage
It has already been discussed that when using
a 10k
NTC thermistor and an external
potential divider an increase in supply
voltage results in a slower speed. It is
therefore possible when using a 10k
NTC
thermistor to remove supply voltage
variation by feeding a percentage of the
supply voltage change into the SPD pin.
To do this the circuit in Figure 22 is used. In
this circuit a Zener diode is used to partly
remove supply voltage variation. A Zener
voltage half that of the supply voltage should
suffice. R1 and R2 should be small in relation
to R3 and R4 and provides a partly regulated
voltage that in turn is used for the potential
divider for the Thermistor network. A raising
of the supply voltage would normally put a
higher voltage across the windings and so
increase the speed. This is now countered by
the fact that a small percentage of the supply
increase appears at the R1/R2 junction. This
percentage increase also appears at the
R3/R4 junction - the SPD pin. An increase in
the control voltage on the SPD causes a
lowering of the PWM drive and thus a lower
speed. Careful manipulation of the R1/R2 and
R3/R4 ratios will enable constant speed to be
attained over a wide supply voltage range but
still
allowing
speed
variation
with
temperature.
AN 36 - 13
Applications Note AN36
Issue1 - JULY 2002
Figure 21
Active switch-off circuit for bipolar dirver devices
Figure 22
Constant Speed versus Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com