Electronic Components Datasheet Search
  English  ▼

X  

AXBM2001 Datasheet(PDF) 6 Page - Zetex Semiconductors

Part # AXBM2001
Description  VARIABLE SPEED 2-PHASE FAN MOTOR CONTROLLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

AXBM2001 Datasheet(HTML) 6 Page - Zetex Semiconductors

Back Button AXBM2001 Datasheet HTML 2Page - Zetex Semiconductors AXBM2001 Datasheet HTML 3Page - Zetex Semiconductors AXBM2001 Datasheet HTML 4Page - Zetex Semiconductors AXBM2001 Datasheet HTML 5Page - Zetex Semiconductors AXBM2001 Datasheet HTML 6Page - Zetex Semiconductors AXBM2001 Datasheet HTML 7Page - Zetex Semiconductors AXBM2001 Datasheet HTML 8Page - Zetex Semiconductors AXBM2001 Datasheet HTML 9Page - Zetex Semiconductors AXBM2001 Datasheet HTML 10Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
External PWM
The ZXBM200x series are also capable of
being driven from an externally derived PWM
signal. This is particularly useful where the
device is to be used with existing system
controllers that provide such an output.
The PWM control waveform can be in the
form of a digital signal. The main criteria
being that it should have a low level of less
than 1V and a high level greater than 2V (but
not exceeding 5V). A conventional 3.3V or 5V
based TTL or CMOS signal is ideal The signal
is applied to Pin 8, the CPWM pin, with Pin 4,
the SPD pin, being left open circuit. A low
level on the CPWM pin represents the winding
drive Off period and a high level the On
period.
Figure 6 illustrates a n external input
waveform on the CPWM pin together with the
resulting drive at one of the phase windings.
There is some delay through the ZXBM200x
device that ensures the drive reaches 100%
PWM slightly before the input reaches 100%
duty cycle.
Fixed speed applications
For applications where the speed control
function is not required the device can be set
to run at full speed by simply holding the SPD
pin at a voltage below 1V. The best way to do
this is by attaching a 10k
resistor to Ground.
A direct link to Ground can cause the SPD pin
and its associated circuit not to function as
required.
Winding Drive
The driving of the two phases of the motor is
achieved using a pair of external power
transistors driven from Pin 10 and Pin 9, Ph1
and Ph2 respectively, of the ZXBM200x
controller. These transistors can be either of
the Bipolar or MOSFET type. Both
methodologies are similar and incorporate
clamping to restrict the level of winding
avalanche to be within the capabilities of the
transistors chosen. Each Transistor type will
be discussed in detail together with their
respective merits and limitations.
Bipolar Power Transistors
Bipolar devices at one time were the
universal power driving method, however,
with MOSFETs becoming more readily
available bipolar use has diminished. In the
case of the ZXBM200x series it has been
found that bipolar devices are very suited to
the lower power, lower current end of the
applications range.
Figures 7 and 8 illustrate a bipolar driver
output stage with two methods of clamping.
In both Figures 7 and 8, R1 and R2 provide the
base drive to the Output transistors Q1 and
Q2. The value of these resistors should be
chosen to provide sufficient current to
maintain a good saturation voltage of the
driver transistors but not to exceed the Ph1
and Ph2 drive capabilities of the ZXBM200x
under worst case conditions.
AN 36 - 6
Applications Note AN36
Issue1 - JULY 2002
Figure 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com