Electronic Components Datasheet Search
  English  ▼

X  

AXBM2001 Datasheet(PDF) 3 Page - Zetex Semiconductors

Part # AXBM2001
Description  VARIABLE SPEED 2-PHASE FAN MOTOR CONTROLLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

AXBM2001 Datasheet(HTML) 3 Page - Zetex Semiconductors

  AXBM2001 Datasheet HTML 1Page - Zetex Semiconductors AXBM2001 Datasheet HTML 2Page - Zetex Semiconductors AXBM2001 Datasheet HTML 3Page - Zetex Semiconductors AXBM2001 Datasheet HTML 4Page - Zetex Semiconductors AXBM2001 Datasheet HTML 5Page - Zetex Semiconductors AXBM2001 Datasheet HTML 6Page - Zetex Semiconductors AXBM2001 Datasheet HTML 7Page - Zetex Semiconductors AXBM2001 Datasheet HTML 8Page - Zetex Semiconductors AXBM2001 Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
The buffered type of Hall sensor should be of
the latching or bipolar type. These have an
internal amplifier and thus provide a large
amplitude square wave output. This signal is
single ended and is applied into Pin 3, H+, as
shown in Figure 2. On some buffered Hall
sensors the output is of the Open Collector
type and will therefore require a pull-up
resistor (R1 in Figure 2) to attain the full signal
amplitude. The H- pin will require to be held at
a voltage approximately half the Hall output
swing. The potential divider R2 and R3 in
Figure 2 is provided for this.
Speed Control
Applied power, motor efficiency and
mechanical loading determine maximum
motor speed, the controller allows full speed
adjustment by modifying the applied power
only.
Speed control is attained through an integral
Pulse Width Modulation (PWM) circuit within
the ZXBM200x series. The PWM signal
controls the speed by switching the
respective active Phase output at a much
higher frequency, typically 25kHz, compared
with the commutation
1 frequency. The PWM
is used to control the percentage of time the
output driver is turned on for. This PWM
circuit is controlled through two pins, Pin 6,
the CPWM pin, and Pin 4, the SPD input. The
CPWM pin has a capacitor attached of 150pF to
produce a 1V p-p 25kHz triangular waveform.
The circuit has a lso been used quite
successfully with 100pF to produce a PWM
frequency of 34kHz. The motor speed is
determined by the voltage at the SPD pin.
There are two methods for controlling the
ZXBM200x using the SPD pin. The first is the
direct control of the SPD pin by a voltage from
an external voltage source or system
controller. The second method is to use a
thermistor as a temperature sensor so as the
ZXBM200x is in a feedback loop to control the
fan speed against the temperature
conditions. A third method of control is
available by applying a PWM signal from an
external source. All these will be discussed in
more detail in the following sections.
Voltage control of the SPD pin
Voltage control is achieved by applying a
voltage of between 1 volt and 2 volts to the
SPD pin. A voltage of 1 volt on this pin will
ensure the drivers are switched on for 100%
of the PWM duty cycle i.e. the motor will run
at full speed.
Progressively increasing the SPD voltage to 2
volts will reduce the percentage of PWM duty
cycle drive to the Phase windings to reduce
the motor speed. With a SPD voltage of 2
volts the outputs will be switched off all the
time i.e. no drive will be present.
In reality a 2-phase DC brushless motor will
have a minimum practical rotational speed
below which the motor will not run. This is
very much dependant upon the power, size
and mechanics of the motor concerned but
could well mean that anything less than 40%
PWM drive, represented by a SPD voltage of
1.6V, is impractical.
The ability of starting the motor under such
low speed conditions also has to be
considered as in most cases a motor will
rotate at a far lower power input than is
needed to start it. Further discussion will be
given on this subject later.
AN 36 - 3
Applications Note AN36
Issue1 - JULY 2002
Note:
1 Commutation is the process of alternate (phase)
switching at the speed of rotation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com