Electronic Components Datasheet Search
  English  ▼

X  

AD7490BCPZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD7490BCPZ
Description  16-Channel, 1 MSPS, 12-Bit ADC with Sequencer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7490BCPZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7490BCPZ Datasheet HTML 5Page - Analog Devices AD7490BCPZ Datasheet HTML 6Page - Analog Devices AD7490BCPZ Datasheet HTML 7Page - Analog Devices AD7490BCPZ Datasheet HTML 8Page - Analog Devices AD7490BCPZ Datasheet HTML 9Page - Analog Devices AD7490BCPZ Datasheet HTML 10Page - Analog Devices AD7490BCPZ Datasheet HTML 11Page - Analog Devices AD7490BCPZ Datasheet HTML 12Page - Analog Devices AD7490BCPZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Data Sheet
AD7490
Rev. E | Page 9 of 28
–50
–85
–80
–75
–70
–65
–60
–55
10
100
1000
INPUT FREQUENCY (Hz)
RIN = 1000Ω
RIN = 100Ω
RIN = 10Ω
RIN = 5Ω
fS = 1MSPS
TA = 25°C
VDD = 5.25V
RANGE = 0V TO REFIN
Figure 9. THD vs. Analog Input Frequency
for Various Analog Source Impedances
1.0
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
0
512
1024
1536
2048
2560
3072
3584
4096
CODE
VDD = VDRIVE = 5V
TEMPERATURE = 25°C
Figure 10. Typical INL
1.0
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
0
512
1024
1536
2048
2560
3072
3584
4096
CODE
VDD = VDRIVE = 5V
TEMPERATURE = 25°C
Figure 11. Typical DNL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com