| Electronic Components Datasheet Search |
|
AD7490BCPZ Datasheet(PDF) 22 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7490BCPZ Datasheet(HTML) 22 Page - Analog Devices |
|
22 / 28 page ![]() AD7490 Data Sheet Rev. E | Page 22 of 28 SERIAL INTERFACE Figure 27 shows the detailed timing diagram for serial interfacing to the AD7490. The serial clock provides the conversion clock and also controls the transfer of information to and from the AD7490 during each conversion. The CS signal initiates the data transfer and conversion process. The falling edge of CS puts the track-and-hold into hold mode and takes the bus out of three-state. The analog input is sampled at this point. The conversion is also initiated at this point and requires 16 SCLK cycles to complete. The track-and-hold goes back into track on the 14th SCLK falling edge, as shown in Figure 27 at point B, except when the write is to the Shadow register, in which case the track-and-hold does not return to track until the rising edge of CS, that is, Point C in Figure 28. On the 16th SCLK falling edge, the DOUT line goes back into three-state (assuming the WEAK/TRI bit is set to 0). Sixteen serial clock cycles are required to perform the conversion process and to access data from the AD7490. The 12 bits of conversion data are preceded by the four channel address bits, ADD3 to ADD0, identifying which channel the conversion result corresponds to. CS going low allows the ADD3 address bit to be read in by the microprocessor or DSP. The remaining address bits and data bits are then clocked out by subsequent SCLK falling edges, beginning with the second address bit, ADD2. Thus, the first SCLK falling edge on the serial clock has the ADD3 address bit provided and also clocks out address bit ADD2. The final bit in the data transfer is valid on the 16th falling edge, having been clocked out on the previous (15th) falling edge. Writing information to the control register takes place on the first 12 falling edges of SCLK in a data transfer, assuming the MSB, that is, the WRITE bit, has been set to 1. If the control register is programmed to use the Shadow register, writing information to the Shadow register takes place on all 16 SCLK falling edges in the next serial transfer (see Figure 28). The Shadow register is updated upon the rising edge of CS, and the track-and-hold begins to track the first channel selected in the sequence. SCLK DOUT DIN CS WRITE SEQ ADD3 ADD2 ADD1 ADD0 DONTC DONTC DONTC ADD2 ADD1 ADD0 DB11 DB10 DB2 DB1 DB0 B t2 t3b t3 1 2 3 4 5 6 13 14 15 16 t9 t10 t8 t4 t7 t6 t5 t11 tQUIET tCONVERT THREE- STATE THREE- STATE ADD3 FOUR IDENTIFICATION BITS Figure 27. Serial Interface Timing Diagram SCLK DOUT DIN CS t2 t3 t9 t10 t8 t4 t7 t6 t5 t11 tCONVERT THREE- STATE THREE- STATE ADD3 FOUR IDENTIFICATION BITS ADD2 ADD1 ADD0 DB11 DB10 DB2 DB1 DB0 C 1 2 3 4 5 6 13 14 15 16 VIN0 VIN1 VIN2 VIN3 VIN4 VIN5 VIN13 VIN14 VIN15 Figure 28. Writing to Shadow Register Timing Diagram |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |