Electronic Components Datasheet Search
  English  ▼

X  

37101006 Datasheet(PDF) 14 Page - ROSE Systemtechnik GmbH

Part # 37101006
Description  INDUSTRIAL ENCLOSURES
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSE [ROSE Systemtechnik GmbH]
Direct Link  https://www.rose-systemtechnik.com/en/
Logo ROSE - ROSE Systemtechnik GmbH

37101006 Datasheet(HTML) 14 Page - ROSE Systemtechnik GmbH

Back Button 37101006 Datasheet HTML 10Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 11Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 12Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 13Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 14Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 15Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 16Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 17Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 18Page - ROSE Systemtechnik GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 43 page
background image
Applications
Polyester Standard
Polyester enclosures / Standard enclosures
INDUSTRIAL ENCLOSURES
Accessories
Order no.
for type
Order no.
for type
04 00 01 00 0
04 10 10 06 0
04 00 01 40 0
04 14 22 07 0
04 00 01 00 0
04 10 16 06 0
04 00 01 60 0
04 16 16 08 0
04 00 01 00 0
04 10 20 06 0
04 00 01 60 0
04 16 24 08 0
04 00 01 20 0
04 12 12 08 0
04 00 02 00 0
04 20 20 07 0
04 00 01 20 0
04 12 16 08 0
04 00 02 00 0
04 20 28 07 0
04 00 01 40 0
04 14 14 07 0
External fastening bars (set = 2 pieces)
For fastening the enclosures without cover opening
Order no.
Wide
for type
04 30 00 09 0
98 mm
04 10 10 06 0
04 10 16 06 0
04 10 20 06 0
04 30 00 14 0
138 mm
04 14 14 07 0
04 14 18 07 0
04 14 22 07 0
Desk holder
For upgrading the Aluform enclosure
to a multifunctional operating termi-
nal Wall or table mounting
Material Sheet steel; powder coating,
RAL 7030, stone grey
Lid safety strip (Set = 2 pieces)
Order no. 04 00 00 20 0
Attention: Machining of the lower
part is required for installation. Only
possible on side C or D.
External hinges (Set = 2 pieces)
Order no. 04 00 00 10 0
Aluform
Aluminium enclosures / Standard enclosures
INDUSTRIAL ENCLOSURES
Page
27
ENCLOSURE SYSTEMS
Page
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com