Electronic Components Datasheet Search
  English  ▼

X  

37101006 Datasheet(PDF) 19 Page - ROSE Systemtechnik GmbH

Part # 37101006
Description  INDUSTRIAL ENCLOSURES
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSE [ROSE Systemtechnik GmbH]
Direct Link  https://www.rose-systemtechnik.com/en/
Logo ROSE - ROSE Systemtechnik GmbH

37101006 Datasheet(HTML) 19 Page - ROSE Systemtechnik GmbH

Back Button 37101006 Datasheet HTML 15Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 16Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 17Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 18Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 19Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 20Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 21Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 22Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 23Page - ROSE Systemtechnik GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 43 page
background image
Lightweight plastic enclosures for industrial applications
Polycarbonate enclosure with standard or transparent lid
ABS enclosure with standard lid
Optional EMC version with coating
Included in delivery
Plastic enclosure consisting of lid,
seal, incl. captive +/- stainless steel
screws, base with 2 self-moulding
fixing screws for internal mounting
1
) Please specify mounting side A-D when ordering,
2
) Non-rusting steel, 3) Galvanised sheet steel
Transparent cover for ABS not available.
3-D data
and drawings
Technical Data
Material:
Polycarbonate, ABS
Colour:
RAL 7035, light grey
Protection class:
IP66 according to EN 60529 (03.08 23 09: IP 65)
Surface resistance:
PC: 1015 Ohm, IEC 60093
ABS: 4 x 1014 Ohm, IEC 60093
Disruptive strengh:
PC: >30 KV/mm, IEC 60243-1
ABS: 24 KV/mm, IEC 60243-1
Impact resistance:
PC: IK 07 according to IEC 62262
Insulation:
Fully insulated in accordance with VDE 0100
Flammability:
PC: V2 / UL 94
ABS: HB / UL 94
Toxicity:
halogen-free
Temperature resistance:
PC: -30 °C to +125 °C
ABS: -30 °C to +100 °C
Product overview
Polycarbona-
te enclosure
Order no.
Polycarbona-
te enclosure
with trans-
parent lid
Order no.
ABS enclo-
sure
Order no.
Dimensions
W x L x H
(mm)
Moun-
ting
rails
External
mounting
brackets
Pertinax
mounting
plates
Thickness
in mm
Silicone
lid seal
Rubber
table
feet
PC Ex-
ternal
hinge
approx
150º
1
)
Sealable
lid screws
2
)
EMC version
with alumi-
nium vapour
deposition
TS TS
15 35
03 05 05 04 0 33 05 05 04 0 09 05 05 04 0
50 x 52 x 35
1,5
*
03 05 07 04 0 33 05 07 04 0
09 05 07 04 0
50 x 65 x 35
*
1,5
*
*
03 08 08 06 0 33 08 08 06 0
09 08 08 06 0
80 x 82 x 55
*
*
1,5
*
*
*
*
03 08 08 09 0 33 08 08 09 0
09 08 08 09 0
80 x 82 x 85
*
*
1,5
*
*
*
*
*
03 08 12 06 0
33 08 12 06 0
09 08 12 06 0
80 x 120 x 55
*
*
1,5
*
*
*
*
*
03 08 12 09 0
33 08 12 09 0
09 08 12 09 0
80 x 120 x 85
*
*
1,5
*
*
*
*
*
03 08 16 06 0
33 08 16 06 0
09 08 16 06 0
80 x 160 x 55
*
*
1,5
*
*
*
*
*
03 08 16 09 0
33 08 16 09 0
09 08 16 09 0
80 x 160 x 85
*
*
1,5
*
*
*
*
*
03 08 23 09 0 -
09 08 23 09 0 80 x 230 x 85
*
*
1,5
*
*
*
*
*
03 12 12 06 0
33 12 12 06 0
09 12 12 06 0
120 x 122 x 55
*
*
2
*
*
*
*
*
03 12 12 09 0
33 12 12 09 0
09 12 12 09 0
120 x 122 x 85
*
*
2
*
*
*
*
*
03 12 12 11 0
33 12 12 11 0
09 12 12 11 0
120 x 122 x 105
*
*
2
*
*
*
*
03 12 16 09 0
33 12 16 09 0
09 12 16 09 0
120 x 160 x 90
*
*
2
*
*
*
*
03 12 16 14 0
33 12 16 14 0
09 12 16 14 0
120 x 160 x 140
*
*
2
*
*
*
*
03 12 20 08 0
33 12 20 08 0
09 12 20 08 0 120 x 200 x 75
*
*
2
*
*
*
*
*
03 12 20 09 0
33 12 20 09 0
09 12 20 09 0 120 x 200 x 90
*
*
2
*
*
*
*
03 12 24 10 0
33 12 24 10 0
09 12 24 10 0 120 x 240 x 100
*
*
2
*
*
*
*
03 15 20 08 0
33 15 20 08 0
09 15 20 08 0 150 x 200 x 75
*
*
2
*
*
*
*
*
03 16 24 09 0
33 16 24 09 0
09 16 24 09 0 160 x 240 x 90
*
*
2,5 3)
*
*
*
*
*
03 16 24 12 0
33 16 24 12 0
09 16 24 12 0 160 x 240 x 120
*
*
2,5
*
*
*
*
03 16 36 10 0
-
09 16 36 10 0 160 x 360 x 100
*
*
2,5
*
*
*
*
03 20 36 15 0
33 20 36 15 0
09 20 36 15 0 200 x 360 x 149
*
2,5
*
*
*
*
03 23 30 09 0 33 23 30 09 0
09 23 30 09 0 230 x 300 x 85
*
*
2
*
*
*
*
03 23 30 11 0
33 23 30 11 0
09 23 30 11 0 230 x 300 x 110
*
*
2
*
*
*
*
-
-
09 40 36 15 0 400 x 360 x 150
*
2,5 3)
*
*
*
*
Accessories
Table feet (for sizes up to xx 15 20 08 0)
10 03 40 01 0
Table feet (for sizes up to xx 16 24 19 0)
10 03 40 02 0
Threaded bushes M4 (10 pcs.)
10 03 70 04 0
Threaded bushes M3 (10 pcs.)
10 03 70 03 0
External hinge set (2 pcs.)
10 02 12 01 0
External mounting brackets (4 pcs.)
10 03 12 01 0
Mounting plates
for fixing electromechanical components
Material: Pertinax
Order no.
for enclosure type
Order no.
for enclosure type
10 01 20 01 0
03/09/33 05 05 04 0
10 01 20 07 0
03/09/33 12 16 14 0
10 01 20 02 0
03/09/33 05 07 04 0
10 01 20 08 0
03/09/33 12 20 08 0
10 01 20 03 0
03/09/33 08 08 06 0
10 01 20 08 0
03/09/33 12 20 09 0
10 01 20 03 0
03/09/33 08 08 09 0
10 01 20 09 0
03/09/33 12 24 10 0
10 01 20 04 0
03/09/33 08 12 06 0
10 01 20 10 0
03/09/33 15 20 08 0
10 01 20 04 0
03/09/33 08 12 09 0
10 01 20 11 0
03/09/33 16 24 09 0
10 01 20 05 0
03/09/33 08 16 06 0
10 01 20 11 0
03/09/33 16 24 12 0
10 01 20 05 0
03/09/33 08 16 09 0
10 01 20 12 0
03/09/33 16 36 10 0
10 01 20 16 0
03/09/33 08 23 09 0
10 01 20 13 0
03/09/33 20 36 15 0
10 01 20 06 0
03/09/33 12 12 06 0
10 01 20 14 0
03/09/33 23 30 09 0
10 01 20 06 0
03/09/33 12 12 09 0
10 01 20 14 0
03/09/33 23 30 11 0
10 01 20 06 0
03/09/33 12 12 11 0
10 01 20 15 0
03/09/33 40 36 15 0
10 01 20 07
03/09/33 12 16 09 0
Polycarbonate /ABS
Polycarbonate enclosures / Standard enclosures
INDUSTRIAL ENCLOSURES
Polycarbonate /ABS
Polycarbonate enclosures / Standard enclosures
INDUSTRIAL ENCLOSURES
Page
37
ENCLOSURE SYSTEMS
Page
36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com