Electronic Components Datasheet Search
  English  ▼

X  

37101006 Datasheet(PDF) 26 Page - ROSE Systemtechnik GmbH

Part # 37101006
Description  INDUSTRIAL ENCLOSURES
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSE [ROSE Systemtechnik GmbH]
Direct Link  https://www.rose-systemtechnik.com/en/
Logo ROSE - ROSE Systemtechnik GmbH

37101006 Datasheet(HTML) 26 Page - ROSE Systemtechnik GmbH

Back Button 37101006 Datasheet HTML 22Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 23Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 24Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 25Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 26Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 27Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 28Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 29Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 30Page - ROSE Systemtechnik GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 43 page
background image
Fasteners optional (loose)
Triangular lock 8 mm (2 pcs.)
21 61 00 03 0
Square lock 8 mm (2 pcs.)
21 61 00 04 0
Square lock 7 mm (2 pcs.)
21 61 00 14 0
Daimler-Benz lock (2 pcs.)
21 61 00 06 0
Double ward lock 3 mm (2 pcs.)
21 61 00 07 0
Standard handle (2 pcs.)
21 61 00 01 0
Standard handle with lock (2 pcs.)
21 61 00 02 0
Accessories (loose)
Mounting plate for size 1 (galvanised sheet steel)
10 01 12 03 0
Mounting plate for size 2 (galvanised sheet steel)
10 01 12 04 0
External mounting brackets (4 pcs.)
10 03 10 09 0
Hole covers for fastenings through the cabinet base
(4 pcs.)
10 03 90 01 0
Socket wrench trialgular 8 mm
10 04 70 03 0
Socket wrench square 8 mm
10 04 70 04 0
Socket wrench square 7 mm
10 04 70 14 0
Socket wrench Daimler-Benz
10 04 70 06 0
Socket wrench double ward 3 mm
10 04 70 07 0
Product overview
(for all types)
Polyglas/
Polycase
Dimensions W x L x H
(mm)
Polyglas
Weight
(g)
"Polyglass
with window
and lock"
"Polycase*
without window
with handle"
Weight
(g)
"Polycase*
with window
and handle"
Size 1
300 x 400 x 200
21 30 40 00 0
4388
22 30 40 00 0
23 30 40 00 0
5510
24 30 40 00 0
Size 2
400 x 600 x 250
21 40 60 00 0
7300
22 40 60 00 0
23 40 60 00 0
8400
24 40 60 00 0
Note: Enclosure supplied without lock, please order separately!
Mounting plates
External mounting brackets
Order no. 10 03 10 09 0
Order no.
for sizes
10 01 12 03 0
300 x 400 mm
10 01 12 04 0
400 x 600 mm
Accessories
Enclosure system with concealed External hinge
Standard version or with window
Polycase version with carrying handle
Included in delivery
Enclosure consisting of base and
door; order door lock separately,
press-fit bushes in base for inter-
nal and External mounting
3-D data
and drawings
Technical data
Material:
glass fibre reinforced, thermoset polyester
Colour:
RAL 7038, agate grey
Protection class:
IP66 according to EN 60529
Impact resistance:
Enclosure without window: IK08
Enclosure with window: IK07
Flammability:
V0 / self-Extinguishing, UL 94
Insulation:
18 KV/mm, IEC 60243-1
Disruptive strength:
Enclosure: >18 KV/mm, IEC 60243-1
Toxicity:
halogen-free
Surface resistance:
>1012 Ohm, IEC 60093
Door-swivel angel:
135°
Temperature resistance:
VMQ (silicone) seal (optional): -60 °C to +165 °C
Version with window: -40 °C to +80 °C
Polyglas/Polycase
Polyester enclosures / Standard enclosures
INDUSTRIAL ENCLOSURES
Polyglas/Polycase
Polyester enclosures / Standard enclosures
INDUSTRIAL ENCLOSURES
Page
51
ENCLOSURE SYSTEMS
Page
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com