Electronic Components Datasheet Search
  English  ▼

X  

37101006 Datasheet(PDF) 42 Page - ROSE Systemtechnik GmbH

Part # 37101006
Description  INDUSTRIAL ENCLOSURES
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSE [ROSE Systemtechnik GmbH]
Direct Link  https://www.rose-systemtechnik.com/en/
Logo ROSE - ROSE Systemtechnik GmbH

37101006 Datasheet(HTML) 42 Page - ROSE Systemtechnik GmbH

Back Button 37101006 Datasheet HTML 35Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 36Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 37Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 38Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 39Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 40Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 41Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 42Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 43Page - ROSE Systemtechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 42 / 43 page
background image
Technical Information
INDUSTRIAL ENCLOSURES
Technical Information
INDUSTRIAL ENCLOSURES
Chemical resistance
Chemicals
Alumi-
nium
ABS Polycar-
bonate
Polyester Polystyrene
Poly-
amide
Chloro-
prene
EPDM
NBR Pocan Polyure-
thane
PVC Silico-
ne
Acetone
+
-
-
-
-
•
+
+
-
+
-
-
•
Formic acid
•
-
30%
10%
•
-
+
+
-
10%
/ <50%
•
Ammonia
+
-
-
-
+
20%
+
+
+
10%
/
•
+
Petrol
+
-
•
+
•
+
+
•
+
+
+
+
+
Benzene
+
-
-
+
-
-
-
-
-
+
+
-
-
Brake fluid
/
/
-
+
/
60°
•
-
/
+
/
/
+
Butane
+
/
+
/
-
+
+
/
+
+
/ 50%
-
Butanol
/
/
/
+
/
+
+
/
-
+
/
•
-
Calcium chloride
+
/
+
+
+
+
/
/
/
10%
/
+
/
Chlorobenzene
+
-
-
+
-
•
-
-
-
-
-
-
-
Diesel oil
/
+
•
+
•
/
•
•
/
+
+
•
•
Acetic acid
+ 10% •
10%
40% +max. 50%
-
-
/
-
10%
/
25%
-
Formaldehyde
+
+
/
30% +max. 40%
+
-
/
+
/
/ 40%
+
Frigen 113
/
/
+
+
/
/
+
/
+
+
/
/
/
Fruit juice
/
/
+
+
/
+
+
+
/
+
+
+
+
Glycerine
+
+
•
+
+
+
+
+
+
+
+
+
+
Heating oil
+
•
•
+
•
+
•
•
+
+
+
•
•
Hydraulic oil
/
/
+
+
•
+
+
/
/
+
/
/
•
Potassium hydroxide
solution
/
/
-
- +max. 50%
-
+
/
/
10%
/
+
/
Potassium chloride
•
/
+
+
+
+
+
+
+
10%
+
+
+
Potassium hydroxide
-
+
/
-
+
/
+
+
+
-
-
/
•
Linseed oil
+
/
+
+
+
+
+
+
+
+
+
+
•
Methanol
+
/
-
-
+
•
+
/
•
+
/
/
+
Methylene chloride
+
/
-
-
-
-
-
/
-
-
-
-
-
Lactic acid
+
+
10%
+ +max. 80%
10%
+
+
+
/
/
10%
/
Mineral oils
/
+
+
+
+
+
•
•
+
+
+
+
+
Engine oils
/
/
+
+
+
+
•
•
+
+
+
/
+
Sodium carbonate
•
/
+
+
+
+
/
/
/
10%
/
/
/
Sodium chloride
•
/
+
+
+
10%
+
+
+
10%
+
+
+
Sodium hydroxide
+
+
/
-
/
/
+
+
•
-
-
•
•
Caustic soda
/
-
-
40% +max. 50%
10%
50%
/
-
/
/ 60%
-
Nitric acid
+ 30%
10%
10% +max. 25%
-
•
+
•
10%
- 30%
-
Hydrochloric acid
/ 10% •
20%
+ +max. 10%
-
+
+ < 65% •
10%
- 30%
/
Lubricating oil
+
/
+
+
/
+
•
•
+
+
+
+
+
Carbon disulphide
+
/
-
-
-
•
-
/
-
+
/
•
-
Sulphuric acid
• 30%
50%
70% +max. 50%
-
50%
/
25%
10%
/ 80%
25%
Soap suds
/
/
•
+
/
+
+
/
+
10%
•
•
+
Washing-up liquid
/
/
+
/
/
/
+
•
/
+
•
/
+
Turpentine oil
/
/
/
+
-
+
-
/
+
+
/
+
-
Carbon tetrachloride
+
-
/
+
-
•
-
-
-
+
-
•
-
Toluene
+
-
-
+
-
+
-
-
-
•
-
-
-
Trichloroethylene
+
-
/
-
-
-
-
-
-
•
-
-
-
Water (distilled water, river
water, tap water, sea water)
/
+
+
+
+
+
+
+
80 C°
+
+ 40 C°
+
Tartaric acid
/
/
10%
+
+
+
+
+
+
/
+
10%
+
Xylene
+
-
-
+
-
+
-
-
-
•
-
-
-
Zinc sulphate
•
/
+
+
+
/
+
+
+
/
/ 40%
+
Citric acid
+ 10%
10%
+
+
10%
+
+
+
10%
/
10%
+
Explanation of symbols
+ resistant to all concentrations
% resistant to maximum % concentration
C° resistant up to maximum C°
• conditionally resistant
- unstable
/ without specification
Unless otherwise stated, the tests were carried out at room tem-
perature. If different media come into contact with each other, the
resistances may change. Therefore, we cannot accept any liability
for the information provided.
The path to the right enclosure
There are various criteria to consider when selecting an
enclosure:
the installation location (indoor/outdoor area, hazardous
area, seawater area, etc.)
the size (depends on the fixtures)
the protective function (protection class, EMC resistance,
Ex)
The following lists will help you select the right enclosure
for your specific application.
I. Enclosure material specifications
Aluminium enclosure
lightweight, robust metal enclosure
good chemical resistance (see table)
Can be used in a wide temperature range
EMC basic shielding (optional full shielding)
Good processing options
Areas of application:
Suitable for indoor and outdoor use, special version or
Ex version for outdoor use in aggressive or seawater-
containing atmospheres
Polyester enclosure
plastic enclosure for rough environments
good chemical resistance (see table)
use in a wide temperature range
good insulation properties
V-0 version (according to UL)
Areas of application: suitable for indoor and outdoor use;
standard industrial enclosures
Polycarbonate enclosure
lightweight plastic enclosure
good chemical resistance (see table)
use in a wide temperature range
good insulation properties
good processing options
transparent versions possible (lid)
areas of application: suitable for indoor and outdoor use
ABS enclosure
plastic enclosure with low weight
good chemical resistance (see table)
use in standard temperature ranges
Polystyrene enclosure
plastic enclosure with low weight
good chemical resistance (see table)
Stainless steel enclosures
robust metal enclosure
very good resistance to chemicals
can be used in a wide temperature range up to 200°C
EMC basic shielding (optional full shielding)
special sizes possible
areas of application:
Suitable for indoor and outdoor use, special version or Ex
version for outdoor use in aggressive or seawater-con-
taining atmospheres
Page
83
ENCLOSURE SYSTEMS
Page
82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com