Electronic Components Datasheet Search
  English  ▼

X  

37101006 Datasheet(PDF) 28 Page - ROSE Systemtechnik GmbH

Part # 37101006
Description  INDUSTRIAL ENCLOSURES
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSE [ROSE Systemtechnik GmbH]
Direct Link  https://www.rose-systemtechnik.com/en/
Logo ROSE - ROSE Systemtechnik GmbH

37101006 Datasheet(HTML) 28 Page - ROSE Systemtechnik GmbH

Back Button 37101006 Datasheet HTML 24Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 25Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 26Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 27Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 28Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 29Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 30Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 31Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 32Page - ROSE Systemtechnik GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 43 page
background image
Mini-Polyglas housing with concealed external hinge for MSR technology
Standard design or with viewing window
Small distribution cabinets
Included in delivery
Die-cast aluminium enclosure
consisting of lid, seal, incl. captive
+/- stainless steel screws, base
with 4 earthing screws
3-D data
and drawings
Technical data
Material:
glass fibre reinforced, thermoset polyester
Colour:
RAL 7038, agate grey
Protection class:
IP66 according to EN 60529
Higher protection class on request
Impact resistance:
IK09 according to DIN EN 60068-2-75
Temperature resistance:
CR (chloroprene) seal (standard): -40 °C to +90 °C
VMQ (silicone) seal (optional): -60 °C to +165 °C
Product overview
(for all types)
Mini-Polyglas
Dimension W x L x H
(mm)
Weight
(g)
Mini-Polyglas
Mini-Polyglas
with window
Mounting plates
(Sheet steel, loose)
Size 1
120 x 200 x 100
1240
21 12 20 00 0
22 12 20 00 0
10 01 12 07 0
Size 2
160 x 260 x 100
1900
21 16 26 00 0
22 16 26 00 0
10 01 12 08 0
Size 3
160 x 340 x 100
2000
21 16 34 00 0
22 16 34 00 0
10 01 12 09 0
Size 4
200 x 150 x 100
1380
21 20 15 00 0
22 20 15 00 0
10 01 12 10 0
Size 5
200 x 200 x 170
2068
21 20 20 00 0
22 20 20 00 0
10 01 12 01 0
Size 6
200 x 300 x 170
2990
21 20 30 00 0
22 20 30 00 0
10 01 12 02 0
Note: Please order enclosure without screw plugs separately on delivery.
Fasteners optional (loose)
Triangel srew 8 mm (2 pcs.)
21 63 00 03 0
Square screw 8 mm (2 pcs.)
21 63 00 04 0
Square screw 6 mm (2 pcs.)
21 63 00 24 0
Cross-head screw (2 pcs.)
21 63 00 05 0
Accessories (loose)
External mounting brackets (4 pcs.)
10 03 10 08 0
Socket wrench triangular 8 mm
10 04 70 03 0
Socket wrench square 8 mm
10 04 70 04 0
Socket wrench cross-head
10 04 70 05 0
Mounting plates
External mounting brackets
Set = 4 pieces
Order no. 10 03 10 08 0
Order no.
for sizes
10 01 12 07 0
21 12 20
10 01 12 08 0
21 16 26
10 01 12 09 0
21 16 34
10 01 12 10 0
21 20 15
10 01 12 01 0
21 20 20
10 01 12 02 0
21 20 30
Accessories
Mini-Polyglas
Polyester enclosures / Standard enclosures
INDUSTRIAL ENCLOSURES
Mini-Polyglas
Polyester enclosures / Standard enclosures
INDUSTRIAL ENCLOSURES
Page
55
ENCLOSURE SYSTEMS
Page
54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com