Electronic Components Datasheet Search
  English  ▼

X  

37101006 Datasheet(PDF) 15 Page - ROSE Systemtechnik GmbH

Part # 37101006
Description  INDUSTRIAL ENCLOSURES
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSE [ROSE Systemtechnik GmbH]
Direct Link  https://www.rose-systemtechnik.com/en/
Logo ROSE - ROSE Systemtechnik GmbH

37101006 Datasheet(HTML) 15 Page - ROSE Systemtechnik GmbH

Back Button 37101006 Datasheet HTML 11Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 12Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 13Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 14Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 15Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 16Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 17Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 18Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 19Page - ROSE Systemtechnik GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 43 page
background image
Robust plastic enclosure for automation technology
and mechanical engineering
Fastening options for mounting rails and mounting plates
Universal construction
Technical data
Material:
glass-fibre reinforced, thermoset polyester
Colour:
RAL 7000, squirrel grey
Protection class:
IP66 according to EN 60529
Impact resistance:
from IK07-IK09 according to DIN EN 60068-2-75
Surface resistance:
>1012 Ohm, IEC 60093
Flammability:
V0/self-Extinguishing, UL 94
Insulation:
Fully insulated according to VDE 0100
Disruptive strengh:
18 KV/mm, IEC 60243-1
Toxicity:
halogen-free
Temperatur range:
CR (chloroprene) seal (standard): -30°C to +90°C
VMQ (silicone) seal (optional): -60°C to +165°C
Included in delivery
Polyester enclosure consisting
of cover, seal, incl. captive
+/- stainless steel screws, lower
part with 2 or 4 earthing screws.
3-D data
and drawings
1
) Galvanised sheet steel, 2) Non-rusting steel, 3) Please state installation side A-D when ordering, 4) Hard paper, 5) TS 32 on request
Product overview
Order no.
W x L x H (mm)
Order no.
W x L x H (mm)
02 06 06 03 0
55 x 55 x 37
02 12 22 09 0
120 x 220 x 91
02 06 06 06 0
55 x 55 x 59
02 16 16 09 0
160 x 160 x 91
02 08 08 06 0
75 x 80 x 56
02 16 26 09 0
160 x 260 x 91
02 08 08 08 0
75 x 80 x 75
02 16 36 09 0
160 x 360 x 91
02 08 11 06 0
75 x 110 x 56
02 16 56 09 0
160 x 560 x 91
02 08 11 08 0
75 x 110 x 75
02 25 26 12 0
250 x 255 x 121
02 08 16 06 0
75 x 160 x 56
02 25 26 16 0
250 x 255 x 161
02 08 16 08 0
75 x 160 x 75
02 25 40 12 0
250 x 400 x 121
02 08 19 06 0
75 x 190 x 56
02 25 40 16 0
250 x 400 x 161
02 08 19 08 0
75 x 190 x 75
02 25 60 12 0
250 x 600 x 121
02 08 23 06 0
75 x 230 x 56
02 36 36 09 0
360 x 360 x 91
02 08 23 08 0
75 x 230 x 75
02 41 40 12 0
405 x 400 x 121
02 10 32 08 0
100 x 320 x 81
02 41 40 20 0
406 x 401 x 201
02 12 12 09 0
120 x 122 x 91
Accessories
Mounting rails
for terminals
1
) 5)
Mounting plates
thickness
in mm
External fixing lugs
Set
Aluminium
External hinges
Hexagon
socket cover
screws
Silicone
lid seal
Sealable lid
screws
EMC version
Order no.
TS 15 TS 35
2
)
3
)
2
)
2
)
02 06 06 03 0
02 06 06 06 0
02 08 08 06 0
*
2 4)
*
*
*
*
*
02 08 08 08 0
*
2 4)
*
*
*
*
*
02 08 11 06 0
*
2 4)
*
*
*
*
*
02 08 11 08 0
*
2 4)
*
*
*
*
*
02 08 16 06 0
*
2 4)
*
*
*
*
*
02 08 16 08 0
*
2 4)
*
*
*
*
*
02 08 19 06 0
*
2 4)
*
*
*
*
*
02 08 19 08 0
*
2 4)
*
*
*
*
*
02 08 23 06 0
*
*
*
*
*
*
02 08 23 08 0
*
*
*
*
*
*
02 10 32 08 0
*
1,5 1)
*
*
*
*
*
*
02 12 12 09 0
*
1,5 1)
*
*
*
*
*
*
02 12 22 09 0
*
1,5 1)
*
*
*
*
*
*
02 16 16 09 0
*
1,5 1)
*
*
*
*
*
*
02 16 26 09 0
*
1,5 1)
*
*
*
*
*
*
02 16 36 09 0
*
1,5 1)
*
*
*
*
*
*
02 16 56 09 0
*
2 1)
*
*
*
*
*
*
02 25 26 12 0
*
2 1)
*
*
*
*
*
*
02 25 26 16 0
*
2 1)
*
*
*
*
*
*
02 25 40 12 0
*
2 1)
*
*
*
*
*
*
02 25 40 16 0
*
2 1)
*
*
*
*
*
*
02 25 60 12 0
*
2 1)
*
*
*
*
*
*
02 36 36 09 0
*
2 1)
*
*
*
*
*
*
02 41 40 12 0
*
2 1)
*
*
*
*
*
*
02 41 40 20 0
*
2 1)
*
*
*
*
*
*
Polyester Standard
Polyester enclosures / Standard enclosures
INDUSTRIAL ENCLOSURES
Polyester Standard
Polyester enclosures / Standard enclosures
INDUSTRIAL ENCLOSURES
Page
29
ENCLOSURE SYSTEMS
Page
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com