Electronic Components Datasheet Search
  English  ▼

X  

AD8341 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8341
Description  1.5 GHz to 2.4 GHz RF Vector Modulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8341 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8341 Datasheet HTML 5Page - Analog Devices AD8341 Datasheet HTML 6Page - Analog Devices AD8341 Datasheet HTML 7Page - Analog Devices AD8341 Datasheet HTML 8Page - Analog Devices AD8341 Datasheet HTML 9Page - Analog Devices AD8341 Datasheet HTML 10Page - Analog Devices AD8341 Datasheet HTML 11Page - Analog Devices AD8341 Datasheet HTML 12Page - Analog Devices AD8341 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Data Sheet
AD8341
Rev. B | Page 9 of 20
0
180
30
330
60
90
270
300
120
240
150
210
SDD22 PORT DIFFERENTIAL
S22 WITH 1 TO 1 TRANSFORMER
1500MHz
2400MHz
Figure 21. Output Impedance Smith Chart
GAIN SETPOINT
0
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
–10
–20
–30
–40
–50
–60
–70
PHASE SETPOINT = 0
PHASE SETPOINT = 45
PHASE SETPOINT = 90
Figure 22. Phase Error vs. Gain Setpoint by Phase Setpoint,
RF Frequency = 1900 MHz
TEMPERATURE (
C)
–40 –30 –20 –100
10
20304050607080
127
126
125
124
123
122
121
VPOS = 5.25V
VPOS = 4.75V
VPOS = 5.00V
Figure 23. Supply Current vs. Temperature
0
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
–55
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
DSOP VOLTAGE (V)
Figure 24. Output Disable Attenuation,
RF Frequency = 1900 MHz, RF Input = −5 dBm
CH3 2.0V
 CH4 100mV  M10.0ns 5.0GS/s A CH3
1.84V
3
4
TIME (10ns/DIV)
DSOP
2V/DIV
100mV/DIV
RF OUTPUT
Figure 25. Output Disable Response Time,
RF Frequency = 1900 MHz, RF Input = 0 dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com