Electronic Components Datasheet Search
  English  ▼

X  

AD8341 Datasheet(PDF) 17 Page - Analog Devices

Part # AD8341
Description  1.5 GHz to 2.4 GHz RF Vector Modulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8341 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8341 Datasheet HTML 12Page - Analog Devices AD8341 Datasheet HTML 13Page - Analog Devices AD8341 Datasheet HTML 14Page - Analog Devices AD8341 Datasheet HTML 15Page - Analog Devices AD8341 Datasheet HTML 16Page - Analog Devices AD8341 Datasheet HTML 17Page - Analog Devices AD8341 Datasheet HTML 18Page - Analog Devices AD8341 Datasheet HTML 19Page - Analog Devices AD8341 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Data Sheet
AD8341
Rev. B | Page 17 of 20
EVALUATION BOARD
The evaluation board circuit schematic for the AD8341 is
shown in Figure 41.
The evaluation board is configured to be driven from a single-
ended 50 Ω source. Although the input of the AD8341 is
differential, it may be driven single-ended, with no loss of
performance.
The low-pass corner frequency of the baseband I and Q channels
can be reduced by installing capacitors in the C11 and C12
positions. The low-pass corner frequency for either channel is
approximated by
pF
0.5
nF
10
kHz
45
f3dB
FLT
C
On this evaluation board, the I and Q baseband circuits are
identical to each other, so the following description applies
equally to each. The connections and circuit configuration for
the Q baseband inputs are described in Table 4.
The baseband input of the AD8341 requires a differential
voltage drive. The evaluation board is set up to allow such a
drive by connecting the differential voltage source to QBBP and
QBBM. Maintain the common-mode voltage at approximately
0.5 V. For this configuration, remove Jumpers W1 through W4.
The baseband input of the evaluation board may also be driven
with a single-ended voltage. In this case, a bias level is provided
to the unused input from Potentiometer R10 by installing either
W1 or W2.
Setting SW1 in Position B disables the AD8341 output amplifier.
With SW1 set to Position A, the output amplifier is enabled.
With SW1 set to Position A, an external voltage signal, such as
a pulse, can be applied to the DSOP SMA connector to exercise
the output amplifier enable/disable function.
Table 4. Evaluation Board Configuration Options
Components
Function
Default Conditions
R7, R9, R11,
R14, R15, R19,
R20, R21, C15,
C19, W3, W4
I Channel Baseband Interface. Resistors R7 and R9 may be installed to accommodate a
baseband source that requires a specific terminating impedance. Capacitors C15 and C19
are bypass capacitors.
For single-ended baseband drive, the Potentiometer R11 can be used to provide a bias level
to the unused input (install either W3 or W4).
R7, R9 = Not Installed
R11 = Potentiometer, 2 kΩ,
10 Turn (Bourns)
R14 = 4 kΩ (Size 0603)
R15 = 44 kΩ (Size 0603)
R19, R20, R21 = 0 Ω
(Size 0603)
C15, C19 = 0.1 μF
(Size 0603)
W3 = Jumper (Installed)
W4 = Jumper (Open)
R1, R3, R10,
R12, R13, R16,
R17, R18, C16,
C20, W1, W2
Q Channel Baseband Interface. See the I Channel Baseband Interface section.
R1, R3 = Not Installed
R10 = Potentiometer, 2 kΩ,
10 Turn (Bourns)
R12 = 4 kΩ (Size 0603)
R13 = 44 kΩ (Size 0603)
R16, R17, R18 = 0 Ω
(Size 0603)
C16, C20 = 0.1 μF
(Size 0603)
W1 = Jumper (Installed)
W2 = Jumper (Open)
C11, C12
Baseband Low-Pass Filtering. By adding Capacitor C11 between QFLP and QFLM, and C12
between IFLP and IFLM, the 3 dB low-pass corner frequency of the baseband interface can
be reduced from 230 MHz (nominal). See equation in text.
C11, C12 = Not Installed
T1, C17, C18,
L1, L2
Output Interface. The 1:1 balun transformer, T1, converts the 50 Ω differential output to 50
Ω single-ended. C17 and C18 are dc blocks. L1 and L2 provide dc bias for the output.
C17, C18 = 100 pF
(Size 0603)
T1 = ETC1-1-13 (M/A-COM)
L1, L2 = 120 nH
(Size 0603)
L3, L4, C5, C6
Input Interface. The input impedance of the AD8341 requires 1.2 nH inductors in series with
RFIP and RFIM for optimum return loss when driven by a single-ended 50 Ω line. C5 and C6
are dc blocks.
L3, L4 = 1.2 nH (Size 0402)
C5, C6 = 100 pF (Size 0603)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com