Electronic Components Datasheet Search
  English  ▼

X  

AD8341 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8341
Description  1.5 GHz to 2.4 GHz RF Vector Modulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8341 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8341 Datasheet HTML 8Page - Analog Devices AD8341 Datasheet HTML 9Page - Analog Devices AD8341 Datasheet HTML 10Page - Analog Devices AD8341 Datasheet HTML 11Page - Analog Devices AD8341 Datasheet HTML 12Page - Analog Devices AD8341 Datasheet HTML 13Page - Analog Devices AD8341 Datasheet HTML 14Page - Analog Devices AD8341 Datasheet HTML 15Page - Analog Devices AD8341 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
AD8341
Data Sheet
Rev. B | Page 12 of 20
APPLICATIONS INFORMATION
USING THE AD8341
The AD8341 is designed to operate in a 50 Ω impedance system.
Figure 30 illustrates an example where the RF input is driven in
a single-ended fashion while the differential RF output is converted
to a single-ended output with an RF balun. The baseband controls
for the I and Q channels are typically driven from differential
DAC outputs. The power supplies, VPRF and VPS2, must be
bypassed appropriately with 0.1 µF and 100 pF capacitors. Low
inductance grounding of the CMOP and CMRF common pins
is essential to prevent unintentional peaking of the gain.
RF INPUT AND MATCHING
The input impedance of the AD8341 is defined by the charac-
teristics of the polyphase network. The capacitive component of
the network causes its impedance to roll-off with frequency albeit
at a rate slower than 6 dB/octave. By using matching inductors
on the order of 1.2 nH in series with each of the RF inputs, RFIP
and RFIM, a 50 Ω match is achieved with a return loss of >10 dB
over the operating frequency range.
Different matching inductors can improve matching over a
narrower frequency range. The single-ended and differential
input impedances are exactly the same.
50
Ω
100pF
RF
RFIM
RFIP
RC
PHASE
1.2nH
100pF 1.2nH
~1VDC
Figure 29. RF Input Interface to the AD8341 Showing
Coupling Capacitors and Matching Inductors
The RFIP and RFIM must be ac-coupled through low loss series
capacitors as shown in Figure 29. The internal dc levels are at
approximately 1 V. For single-ended operation, one input is
driven by the RF signal while the other input is ac grounded.
DSOP
VPS2
VPRF
CMRF
RFIM
RFIP
CMOP
CMOP
RFOM
RFOP
QFLP
CMOP
CMOP
CMRF
VPRF
IFLP
AD8341
C12
(SEE TEXT)
C11
(SEE TEXT)
C8
0.1
µF
L3
1.2nH
C6
100pF
L4
1.2nH
C5
100pF
IBBM
IBBP
VP
RF
INPUT
VP
QBBP
QBBM
L1
120nH
L2
120nH
C14
0.1
µF
C10
0.1
µF
VP
C18
100pF
C17
100pF
ETC1-1-13
RF
OUTPUT
A
B
OUTPUT
DISABLE
VP
VP
C1
0.1
µF
C3
0.1
µF
C2
100pF
C7
100pF
C4
100pF
C9
100pF
Figure 30. Basic Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com