Electronic Components Datasheet Search
  English  ▼

X  

AD8341 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8341
Description  1.5 GHz to 2.4 GHz RF Vector Modulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8341 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8341 Datasheet HTML 7Page - Analog Devices AD8341 Datasheet HTML 8Page - Analog Devices AD8341 Datasheet HTML 9Page - Analog Devices AD8341 Datasheet HTML 10Page - Analog Devices AD8341 Datasheet HTML 11Page - Analog Devices AD8341 Datasheet HTML 12Page - Analog Devices AD8341 Datasheet HTML 13Page - Analog Devices AD8341 Datasheet HTML 14Page - Analog Devices AD8341 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Data Sheet
AD8341
Rev. B | Page 11 of 20
I-Q ATTENUATORS AND BASEBAND AMPLIFIERS
The proprietary linear-responding attenuator structure is an active
solution with differential inputs and outputs that offer excellent
linearity, low noise, and greater immunity from mismatches than
other variable attenuator methods. The gain, in linear terms, of
the I and Q channels is proportional to its control voltage with a
scaling factor designed to be 2/V, i.e., a full-scale gain setpoint of
1.0 (−4.5 dB) for a VBBI (or a VBBQ) of 500 mV. The control voltages
can be driven differentially or single-ended. The combination of
the baseband amplifiers and attenuators allows for maximum
modulation bandwidths in excess of 200 MHz.
OUTPUT AMPLIFIER
The output amplifier accepts the sum of the attenuator outputs
and delivers a differential output signal into the external load.
The output pins must be pulled up to an external supply,
preferably through RF chokes. When the 50 Ω load is taken
differentially, an output P1dB and IP3 of 8.5 dBm and 17.5 dBm
is achieved, respectively, at 1.9 GHz. The output can be taken in
single-ended fashion, albeit at lower performance levels.
NOISE AND DISTORTION
The output noise floor and distortion levels vary with the gain
magnitude but do not vary significantly with the phase. At the
higher gain magnitude setpoints, the OIP3 and the noise floor
vary in direct proportion with the gain. At lower gain magnitude
setpoints, the noise floor levels off while the OIP3 continues to
vary with the gain.
GAIN AND PHASE ACCURACY
There are numerous ways to express the accuracy of the
AD8341. Ideally, the gain and phase must precisely follow the
setpoints. Figure 4 illustrates the gain error in dB from a best fit
line, normalized to the gain measured at the gain setpoint = 1.0,
for the different phase setpoints. Figure 6 shows the gain error
in a different form, normalized to the gain measured at phase
setpoint = 0°; the phase setpoint is swept from 0° to 360° for
different gain setpoints. Figure 8 and Figure 22 show analogous
errors for the phase error as a function of gain and phase setpoints.
The accuracy clearly depends on the region of operation within
the vector gain unit circle. Operation very close to the origin
generally results in larger errors as the relative accuracy of the I
and Q vectors degrades.
RF FREQUENCY RANGE
The frequency range on the RF input is limited by the internal
polyphase quadrature phase-splitter. The phase-splitter splits the
incoming RF input into two signals, 90° out of phase, as previously
described in the RF Quadrature Generator section. This polyphase
network has been designed to ensure robust quadrature accuracy
over standard fabrication process parameter variations for the
1.5 GHz to 2.4 GHz specified RF frequency range. Using the
AD8341 as a single-sideband modulator and measuring the
resul-ting sideband suppression is a good gauge of how well the
quadrature accuracy is maintained over RF frequency. A typical
plot of sideband suppression from 1.1 GHz to 2.7 GHz is shown
in Figure 28. The level of sideband suppression degradation
outside the 1.5 GHz to 2.4 GHz specified range is subject to
manufacturing process variations.
–15
–20
–45
–40
–35
–30
–25
0.7
2.7
2.5
2.3
2.1
1.9
1.7
1.5
1.3
0.9
1.1
FREQUENCY (GHz)
Figure 28. Sideband Suppression vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com