Electronic Components Datasheet Search
  English  ▼

X  

AD8341 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8341
Description  1.5 GHz to 2.4 GHz RF Vector Modulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8341 Datasheet(HTML) 3 Page - Analog Devices

  AD8341 Datasheet HTML 1Page - Analog Devices AD8341 Datasheet HTML 2Page - Analog Devices AD8341 Datasheet HTML 3Page - Analog Devices AD8341 Datasheet HTML 4Page - Analog Devices AD8341 Datasheet HTML 5Page - Analog Devices AD8341 Datasheet HTML 6Page - Analog Devices AD8341 Datasheet HTML 7Page - Analog Devices AD8341 Datasheet HTML 8Page - Analog Devices AD8341 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Data Sheet
AD8341
Rev. B | Page 3 of 20
SPECIFICATIONS
VS = 5 V, TA = 25°C, ZO = 50 Ω, f = 1.9 GHz, single-ended, ac-coupled source drive to RFIP through 1.2 nH series inductor, RFIM
ac-coupled through 1.2 nH series inductor to common, differential-to-single-ended conversion at output using 1:1 balun.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
OVERALL FUNCTION
Frequency Range
1.5
2.4
GHz
Maximum Gain
Maximum gain setpoint for all phase setpoints
−4.5
dB
Minimum Gain
VBBI = VBBQ = 0 V differential
(at recommended common-mode level)
−34.5
dB
Gain Control Range
Relative to maximum gain
30
dB
Phase Control Range
Over 30 dB control range
360
Degrees
Gain Flatness
Over any 60 MHz bandwidth
0.5
dB
Group Delay Flatness
Over any 60 MHz bandwidth
50
ps
RF INPUT STAGE
RFIM, RFIP (Pins 21 and 22)
Input Return Loss
From RFIP to CMRF (with 1.2 nH series inductors)
12
dB
CARTESIAN CONTROL INTERFACE (I AND Q)
IBBP, IBBM, QBBP, QBBM (Pins 16, 15, 3, 4)
Gain Scaling
2
1/V
Modulation Bandwidth
500 mV p-p, sinusoidal baseband input single-ended
230
MHz
Second Harmonic Distortion
500 mV p-p, 1 MHz, sinusoidal baseband input differential
41
dBc
Third Harmonic Distortion
500 mV p-p, 1 MHz, sinusoidal baseband input differential
47
dBc
Step Response
For gain setpoint from 0.1 to 0.9
(VBBP = 0.5 V, VBBM = 0.55 V to 0.95 V)
45
ns
For gain setpoint from 0.9 to 0.1
(VBBP = 0.5 V, VBBM = 0.95 V to 0.55 V)
45
ns
Recommended Common-Mode Level
0.5
V
RF OUTPUT STAGE
RFOP, RFOM (Pins 9, 10)
Output Return Loss
Measured through balun
7.5
dB
f = 1.9 GHz
Gain
Maximum gain setpoint
−4.5
dB
Output Noise Floor
Maximum gain setpoint, no input
−150.5
dBm/Hz
PIN = 0 dBm, frequency offset = 20 MHz
−149
dBm/Hz
Output IP3
f1 = 1900 MHz, f2 = 1897.5 MHz, maximum gain setpoint
17.5
dBm
Adjacent Channel Power
CDMA2000, single carrier, POUT = -4 dBm,
maximum gain, phase setpoint = 45° (See Figure 35)
−76
dBm
Output 1 dB Compression Point
Maximum gain
8.5
dBm
POWER SUPPLY
VPS2 (Pins 5, 6, and 14), VPRF (Pins 19 and 24),
RFOP, RFOM (Pins 9 and 10)
Positive Supply Voltage
4.75
5
5.25
V
Total Supply Current
Includes load current
105
125
145
mA
OUTPUT DISABLE
DSOP (Pin 13)
Disable Threshold
(See Figure 24)
Vs/2
V
Attenuation
DSOP = 5 V
33
dB
Enable Response Time
Delay following high-to-low transition until
RF output amplitude is within 10% of final value.
30
ns
Disable Response Time
Delay following low-to-high transition until
device produces full attenuation
15
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com