Electronic Components Datasheet Search
  English  ▼

X  

AD8341 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8341
Description  1.5 GHz to 2.4 GHz RF Vector Modulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8341 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8341 Datasheet HTML 11Page - Analog Devices AD8341 Datasheet HTML 12Page - Analog Devices AD8341 Datasheet HTML 13Page - Analog Devices AD8341 Datasheet HTML 14Page - Analog Devices AD8341 Datasheet HTML 15Page - Analog Devices AD8341 Datasheet HTML 16Page - Analog Devices AD8341 Datasheet HTML 17Page - Analog Devices AD8341 Datasheet HTML 18Page - Analog Devices AD8341 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Data Sheet
AD8341
Rev. B | Page 15 of 20
1RM
1AVG
A
SPAN 10MHz
1MHz/
CENTER 1.96Hz
–20
–12
–40
–50
–60
–70
–80
–90
–100
–112
MARKER 1 [T1 ]
–18.47dBm
1.95999900GHz
1
RBW 30kHz
VBW 100kHz
SWT 500ms
RF ATT 0dB
UNIT dBm
REF LVL
–12dBm
–30
0.3dB OFFSET
1 [T1]
–18.47dBm
1.95999900GHz
CH PWR
–4.06dBm
ACP UP
–77.64dBm
ACP LOW
–76.66dBm
C11
C11
C0
C0
CU1
CU1
Figure 35. Output Spectrum, 1960 MHz, Single-Carrier CDMA2000
Test Model at −4 dBm, VBBI = VBBQ = 0.353 V, Adjacent Channel Power
Measured at ±2.25 MHz Carrier Offset in 1 MHz BW Input Signal Filtered
Using a Cavity Tuned Filter (Pass Band = 6.8 MHz)
Holding the differential I and Q control voltages steady at
0.353 V, input power was swept. Figure 36 shows variation in
spurious content, again measured at ±2.25 MHz carrier offset in
a 1 MHz bandwidth, as defined by the 3GPP2 specification.
–70
–90
–88
–86
–84
–82
–80
–78
–76
–74
–72
–20
–18
–16
–14
–12
–10
–8
–6
–4
–2
0
OUTPUT POWER (dBm)
Figure 36. Adjacent Channel Power vs. Output Power,
CDMA2000 Single Carrier at 1960 MHz; ACP Measured at
±2.25 MHz Carrier Offset (1 MHz BW); VBBI = VBBQ = 0.353 V
With a fixed input power of 2.4 dBm, the output power was
again swept by exercising the I and Q inputs. VBBI and VBBQ were
kept equal and were swept from 100 mV to 500 mV. The
resulting output power and ACP are shown in Figure 37.
0
–30
–25
–20
–15
–10
–5
0
0.1
0.2
0.3
0.4
0.5
IQ CONTROL VOLTAGE
–60
–65
–70
–75
–80
–85
–90
Figure 37. Output Power and ACP vs. I and Q Control Voltages,
CDMA2000 Test Model, VBBI = VBBQ, ACP Measured at
±2.25 MHz Carrier Offset in 1 MHz BW
Figure 37 shows that for a fixed input power, the ACP (measured in
dBm) tracks the output power as the gain is changed.
WCDMA APPLICATION
Figure 38 shows a plot of the output spectrum of the AD8341
transmitting a single-carrier WCDMA signal (Test Model 1-64
at 2140 MHz). The carrier power is approximately −9 dBm. The
differential I and Q control voltages are both equal to 0.353 V,
that is, the vector is sitting on the unit circle at 45°. At this
power level, an adjacent channel power ratio of −61 dBc is
achieved. The alternate channel power ratio of −72 dBc is
dominated by the noise floor of the AD8341.
1RM
SPAN 25MHz
2.5MHz/
CENTER 2.14GHz
–30
–24
–50
–60
–70
–80
–90
–100
–110
–120
–124
OFFSET 1dB
–40
A
MARKER 1 [T1 ]
–28.39dBm
2.14050000GHz
RBW 30kHz
VBW 300kHz
SWT 1s
RF ATT 0dB
UNIT dBm
REF LVL
–24dBm
1 [T1]
–28.39dBm
2.14050000GHz
CH PWR
–8.95dBm
ACP UP
–60.78dB
ACP LOW
–60.82dB
ALT1 UP
–72.67dB
ALT1 LOW
–72.66dB
1
C12
C12
C11
C11
C0
C0
CU1
CU1
CU2
Figure 38. AD8341 Single-Carrier WCDMA Spectrum at 2140 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com