Electronic Components Datasheet Search
  English  ▼

X  

AD9214 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9214
Description  10-Bit, 65/80/105 MSPS 10-Bit, 65/80/105 MSPS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9214 Datasheet(HTML) 4 Page - Analog Devices

  AD9214 Datasheet HTML 1Page - Analog Devices AD9214 Datasheet HTML 2Page - Analog Devices AD9214 Datasheet HTML 3Page - Analog Devices AD9214 Datasheet HTML 4Page - Analog Devices AD9214 Datasheet HTML 5Page - Analog Devices AD9214 Datasheet HTML 6Page - Analog Devices AD9214 Datasheet HTML 7Page - Analog Devices AD9214 Datasheet HTML 8Page - Analog Devices AD9214 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
REV. D
–3–
AD9214
DIGITAL SPECIFICATIONS
Test
AD9214-65
AD9214-80
AD9214-105
Parameter
Temp
Level
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
DIGITAL INPUTS
1
Logic “1” Voltage
Full
IV
2.0
2.0
2.0
V
Logic “0” Voltage
Full
IV
0.8
0.8
0.8
V
Input Capacitance
Full
V
2.0
2.0
2.0
pF
DIGITAL OUTPUTS2
Logic Compatibility
CMOS/TTL
CMOS/TTL
CMOS/TTL
V
Logic “1” Voltage
Full
VI
DrVDD – 50 mV
DrVDD – 50 mV
DrVDD – 50 mV
V
Logic “0” Voltage
Full
VI
50
50
50
mV
NOTES
1Digital Inputs include ENCODE and PWRDN.
2Digital Outputs include D0–D9 and OR.
Specifications subject to change without notice.
AC SPECIFICATIONS1
Test
AD9214-65
AD9214-80
AD9214-105
Parameter
Temp
Level
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
SNR
Analog Input
10 MHz
25
°C
I
55.5
58.3
56.0
58.1
51.0
53.0
dB
@ –0.5 dBFS 39 MHz
25
°C
I
57.1
55.0
57.1
50.5
53.0
dB
51 MHz
25
°C
V
55.0
53.0
dB
70 MHz
25
°C
V
54.0
52.6
dB
SINAD
Analog Input
10 MHz
25
°C
I
55.0
57.8
55.5
57.6
50.0
52.0
dB
@ –0.5 dBFS 39 MHz
25
°C
I
56.7
54.5
56.7
50.0
52.0
dB
51 MHz
25
°C
V
54.5
52.0
dB
70 MHz
25
°C
V
52.0
dB
EFFECTIVE NUMBER OF BITS
Analog Input
10 MHz
25
°C
I
8.9
9.3
9.0
9.3
8.4
Bit
@ –0.5 dBFS 39 MHz
25
°C
I
9.2
8.8
9.2
8.4
Bit
51 MHz
25
°C
V
8.8
8.4
Bit
70 MHz
25
°C
V
8.5
8.4
Bit
SECOND HARMONIC DISTORTION
Analog Input
10 MHz
25
°C
I
–66
–79
–64
–74
–62
–68
dBc
@ –0.5 dBFS 39 MHz
25
°C
I
–75
–63
–76
–62
–71
dBc
51 MHz
25
°C
V
–72
–64
dBc
70 MHz
25
°C
V
–65
–62
dBc
THIRD HARMONIC DISTORTION
Analog Input
10 MHz
25
°C
I
–63.5
–71
–63
–72
–59
–64
dBc
@ –0.5 dBFS 39 MHz
25
°C
I
–70
–63
–74
–59
–67
dBc
51 MHz
25
°C
V
–78
–71
dBc
70 MHz
25
°C
V
–65
dBc
SFDR
Analog Input
10 MHz
25
°C
I
63.5
71
63
71
57
62
dBc
@ –0.5 dBFS 39 MHz
25
°C
I
70
63
71
57
62
dBc
51 MHz
25
°C
V
67
62
dBc
70 MHz
25
°C
V
64
62
dBc
TWO-TONE INTERMOD DISTORTION
2
Analog Input
@ –0.5 dBFS
25
°C
V
76
74
72
dBFS
ANALOG INPUT BANDWIDTH
25
°C
V
300
300
300
MHz
NOTES
1AC specifications based on a 1.0 V p-p full-scale input range for the AD9214-80 and AD9214-105, and a 2.0 V p-p full-scale input range for the AD9214-65. An
external reference is used.
2F1 = 29.3 MHz, F2 = 30.3 MHz.
Specifications subject to change without notice.
(AVDD = 3 V, DrVDD = 3 V; ENCODE = Maximum Conversion Rate; TMIN = –40 C, TMAX = +85 C; external
1.25 V voltage reference used, unless otherwise noted.)
(AVDD = 3 V, DrVDD = 3 V; TMIN = –40 C, TMAX = +85 C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com