Electronic Components Datasheet Search
  English  ▼

X  

AD9214 Datasheet(PDF) 2 Page - Analog Devices

Part # AD9214
Description  10-Bit, 65/80/105 MSPS 10-Bit, 65/80/105 MSPS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9214 Datasheet(HTML) 2 Page - Analog Devices

  AD9214 Datasheet HTML 1Page - Analog Devices AD9214 Datasheet HTML 2Page - Analog Devices AD9214 Datasheet HTML 3Page - Analog Devices AD9214 Datasheet HTML 4Page - Analog Devices AD9214 Datasheet HTML 5Page - Analog Devices AD9214 Datasheet HTML 6Page - Analog Devices AD9214 Datasheet HTML 7Page - Analog Devices AD9214 Datasheet HTML 8Page - Analog Devices AD9214 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
AD9214* PRODUCT PAGE QUICK LINKS
Last Content Update: 02/23/2017
COMPARABLE PARTS
View a parametric search of comparable parts.
DOCUMENTATION
Application Notes
• AN-282: Fundamentals of Sampled Data Systems
• AN-297: Test Video A/D Converters Under Dynamic
Conditions
• AN-501: Aperture Uncertainty and ADC System
Performance
• AN-715: A First Approach to IBIS Models: What They Are
and How They Are Generated
• AN-737: How ADIsimADC Models an ADC
• AN-741: Little Known Characteristics of Phase Noise
• AN-756: Sampled Systems and the Effects of Clock Phase
Noise and Jitter
• AN-835: Understanding High Speed ADC Testing and
Evaluation
• AN-905: Visual Analog Converter Evaluation Tool Version
1.0 User Manual
Data Sheet
• AD9214: 10-Bit, 65/80/105 MSPS 3 V A/D Converter Data
Sheet
TOOLS AND SIMULATIONS
• AD9214 IBIS Model
REFERENCE DESIGNS
• CN0096
REFERENCE MATERIALS
Technical Articles
• Correlating High-Speed ADC Performance to Multicarrier
3G Requirements
• DNL and Some of its Effects on Converter Performance
• MS-2210: Designing Power Supplies for High Speed ADC
DESIGN RESOURCES
• AD9214 Material Declaration
• PCN-PDN Information
• Quality And Reliability
• Symbols and Footprints
DISCUSSIONS
View all AD9214 EngineerZone Discussions.
SAMPLE AND BUY
Visit the product page to see pricing options.
TECHNICAL SUPPORT
Submit a technical question or find your regional support
number.
DOCUMENT FEEDBACK
Submit feedback for this data sheet.
This page is dynamically generated by Analog Devices, Inc., and inserted into this data sheet. A dynamic change to the content on this page will not
trigger a change to either the revision number or the content of the product data sheet. This dynamic page may be frequently modified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com