Electronic Components Datasheet Search
  English  ▼

X  

AD9214 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9214
Description  10-Bit, 65/80/105 MSPS 10-Bit, 65/80/105 MSPS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9214 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9214 Datasheet HTML 2Page - Analog Devices AD9214 Datasheet HTML 3Page - Analog Devices AD9214 Datasheet HTML 4Page - Analog Devices AD9214 Datasheet HTML 5Page - Analog Devices AD9214 Datasheet HTML 6Page - Analog Devices AD9214 Datasheet HTML 7Page - Analog Devices AD9214 Datasheet HTML 8Page - Analog Devices AD9214 Datasheet HTML 9Page - Analog Devices AD9214 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
REV. D
AD9214
–5–
ABSOLUTE MAXIMUM RATINGS
1
Electrical
AVDD Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 V max
DrVDD Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 V max
Analog Input Voltage . . . . . . . . . . . –0.5 V to AVDD + 0.5 V
Analog Input Current . . . . . . . . . . . . . . . . . . . . . . . 0.4 mA
Digital Input Voltage . . . . . . . . . . . –0.5 V to AVDD + 0.5 V
Digital Output Current . . . . . . . . . . . . . . . . . . 20 mA max
REF Input Voltage . . . . . . . . . . . . . –0.5 V to AVDD + 0.5 V
Environmental2
Operating Temperature Range (Ambient)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –40
°C to +125°C
Maximum Junction Temperature . . . . . . . . . . . . . . . 150
°C
Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . 150
°C
Storage Temperature Range (Ambient) . . . –65
°C to +150°C
NOTES
1Absolute maximum ratings are limiting values to be applied individually, and
beyond which the serviceability of the circuit may be impaired. Functional
operability is not necessarily implied. Exposure to absolute maximum rating condi-
tions for an extended period of time may affect device reliability.
2Typical thermal impedances (package = 28 SSOP);
θ
JA = 49
°C/W. These
measurements were taken on a 6-layer board in still air with a solid
ground plane.
EXPLANATION OF TEST LEVELS
I
100% production tested.
II
100% production tested at 25
°C and guaranteed by design
and characterization at specified temperatures.
III Sample Tested Only
IV Parameter is guaranteed by design and characterization
testing.
V
Parameter is a typical value only.
VI 100% production tested at 25
°C and guaranteed by design
and characterization for industrial temperature range.
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD9214BRS-65
–40
°C to +85°C (Ambient)
28-Lead Shrink Small Outline Package
RS-28
AD9214BRS-80
–40
°C to +85°C (Ambient)
28-Lead Shrink Small Outline Package
RS-28
AD9214BRS-105
–40
°C to +85°C (Ambient)
28-Lead Shrink Small Outline Package
RS-28
AD9214-65PCB
25
°C
Evaluation Board with AD9214-65
AD9214-105PCB
25
°C
Evaluation Board with AD9214-105
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD9214 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com