Electronic Components Datasheet Search
  English  ▼

X  

AD9214 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9214
Description  10-Bit, 65/80/105 MSPS 10-Bit, 65/80/105 MSPS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9214 Datasheet(HTML) 1 Page - Analog Devices

  AD9214 Datasheet HTML 1Page - Analog Devices AD9214 Datasheet HTML 2Page - Analog Devices AD9214 Datasheet HTML 3Page - Analog Devices AD9214 Datasheet HTML 4Page - Analog Devices AD9214 Datasheet HTML 5Page - Analog Devices AD9214 Datasheet HTML 6Page - Analog Devices AD9214 Datasheet HTML 7Page - Analog Devices AD9214 Datasheet HTML 8Page - Analog Devices AD9214 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
REV. D
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
AD9214
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
10-Bit, 65/80/105 MSPS
3 V A/D Converter
FUNCTIONAL BLOCK DIAGRAM
REF
TIMING
10
10
AGND
AD9214
AVDD
DrVDD
PWRDWN
OR
D9–D0
DGND
ENCODE
AIN
AIN
DFS/GAIN
REFSENSE
REF
PIPELINE
ADC
CORE
T/H
BUFFER
FEATURES
SNR = 57 dB @ 39 MHz Analog Input (–0.5 dBFS)
Low Power
190 mW at 65 MSPS
285 mW at 105 MSPS
30 mW Power-Down Mode
300 MHz Analog Bandwidth
On-Chip Reference and Track/Hold
1 V p-p or 2 V p-p Analog Input Range Option
Single 3.3 V Supply Operation (2.7 V–3.6 V)
Two’s Complement or Offset Binary Data Format Option
APPLICATIONS
Battery-Powered Instruments
Hand-Held Scopemeters
Low-Cost Digital Oscilloscopes
Ultrasound Equipment
Cable Reverse Path
Broadband Wireless
Residential Power Line Networks
PRODUCT DESCRIPTION
The AD9214 is a 10-bit monolithic sampling analog-to-digital
converter (ADC) with an on-chip track-and-hold circuit, and
is optimized for low cost, low power, small size, and ease of use.
The product operates up to 105 MSPS conversion rate with
outstanding dynamic performance over its full operating range.
The ADC requires only a single 3.3 V (2.7 V to 3.6 V) power
supply and an encode clock for full performance operation. No
external reference or driver components are required for many
applications. The digital outputs are TTL/CMOS compatible
and a separate output power supply pin supports interfacing
with 3.3 V or 2.5 V logic.
The clock input is TTL/CMOS compatible. In the power-down
state, the power is reduced to 30 mW. A gain option allows
support for either 1 V p-p or 2 V p-p analog signal input swing.
Fabricated on an advanced CMOS process, the AD9214 is
available in a 28-lead surface-mount plastic package (28-SSOP)
specified over the industrial temperature range (–40
°C to +85°C).
PRODUCT HIGHLIGHTS
High Performance—Outstanding ac performance from 65 MSPS
to 105 MSPS. SNR greater than 55 dB typical and as high
as 58 dB.
Low Power—The AD9214 at 285 mW consumes a fraction of
the power available in existing high-speed monolithic solutions.
In sleep mode, power is reduced to 30 mW.
Single Supply—The AD9214 uses a single 3 V supply, simplify-
ing system power supply design. It also features a separate digital
output driver supply line to accommodate 2.5 V logic families.
Small Package—The AD9214 is packaged in a small 28-lead
surface-mount plastic package (28-SSOP).


Similar Part No. - AD9214

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9214 AD-AD9214 Datasheet
447Kb / 20P
10-Bit, 65/80/105 MSPS 3 V A/D Converter
07/01-Data Sheet changed from REV. B to REV. C.
AD9214 AD-AD9214 Datasheet
479Kb / 21P
3V A/D Converter
Rev. D
AD9214-105PCB AD-AD9214-105PCB Datasheet
447Kb / 20P
10-Bit, 65/80/105 MSPS 3 V A/D Converter
07/01-Data Sheet changed from REV. B to REV. C.
AD9214-105PCB AD-AD9214-105PCB Datasheet
453Kb / 20P
10-Bit, 65/80/105 MSPS 3 V A/D Converter
REV. D
AD9214-65PCB AD-AD9214-65PCB Datasheet
447Kb / 20P
10-Bit, 65/80/105 MSPS 3 V A/D Converter
07/01-Data Sheet changed from REV. B to REV. C.
More results

Similar Description - AD9214

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9218 AD-AD9218 Datasheet
1Mb / 24P
10-Bit, 40/65/80/105 MSPS 3 V Dual A/D Converter
REV.0
AD9214 AD-AD9214 Datasheet
447Kb / 20P
10-Bit, 65/80/105 MSPS 3 V A/D Converter
07/01-Data Sheet changed from REV. B to REV. C.
AD9215 AD-AD9215 Datasheet
1Mb / 36P
10-Bit, 65/80/105 MSPS, 3V A/D Converter
5/03-Revision 0
AD9216 AD-AD9216 Datasheet
287Kb / 20P
10-Bit, 65/80/105 MSPS Dual A/D Converter
logo
NXP Semiconductors
ADC1213D NXP-ADC1213D Datasheet
295Kb / 41P
Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps
Rev. 05-23 April 2010
logo
Analog Devices
AD9215 AD-AD9215_13 Datasheet
962Kb / 36P
10-Bit, 65/80/105 MSPS, 3 V A/D Converter
REV. B
AD9214BRSZ-105 AD-AD9214BRSZ-105 Datasheet
453Kb / 20P
10-Bit, 65/80/105 MSPS 3 V A/D Converter
REV. D
AD9215 AD-AD9215_15 Datasheet
962Kb / 36P
10-Bit, 65/80/105 MSPS, 3 V A/D Converter
REV. B
AD9216 AD-AD9216_15 Datasheet
2Mb / 40P
10-Bit, 65/80/105 MSPS Dual A/D Converter
REV. A
AD9216 AD-AD9216_17 Datasheet
1Mb / 41P
10-Bit, 65/80/105 MSPS Dual A/D Converter
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com