Electronic Components Datasheet Search
  English  ▼

X  

AD9214 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9214
Description  10-Bit, 65/80/105 MSPS 10-Bit, 65/80/105 MSPS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9214 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9214 Datasheet HTML 3Page - Analog Devices AD9214 Datasheet HTML 4Page - Analog Devices AD9214 Datasheet HTML 5Page - Analog Devices AD9214 Datasheet HTML 6Page - Analog Devices AD9214 Datasheet HTML 7Page - Analog Devices AD9214 Datasheet HTML 8Page - Analog Devices AD9214 Datasheet HTML 9Page - Analog Devices AD9214 Datasheet HTML 10Page - Analog Devices AD9214 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
REV. D
AD9214
–6–
PIN FUNCTION DESCRIPTIONS
Pin No.
Mnemonic
Function
1
OR
CMOS Output; Out-of-Range Indicator. Logic HIGH indicates the analog input voltage was
outside the converter’s range for the current output data.
2
DFS/GAIN
Data Format Select and Gain Mode Select. Connect externally to AVDD for two’s complement
data format and 1 V p-p analog input range. Connect externally to AGND for Offset Binary data
format and 1 V p-p analog input range. Connect externally to REF (Pin 4) for two’s complement
data format and 2 V p-p analog input range. Floating this pin will configure the device for Offset
Binary data format and a 2 V p-p analog input range.
3
REFSENSE
Reference Mode Select Pin for the ADC. This pin is normally connected externally to AGND,
which enables the internal 1.25 V reference, and configures REF (Pin 4) as an analog reference
output pin. Connecting REFSENSE externally to AVDD disables the internal reference, and config-
ures REF (Pin 4) as an external reference input. In this case, the user must drive REF with a clean
and accurate 1.25 V (
±5%) reference input.
4
REF
Reference input or output as configured by REFSENSE (Pin 3). When configured as an output
(REFSENSE = AGND), the internal reference (nominally 1.25 V) is enabled and is available to
the user on this pin. When configured as an input (REFSENSE = AVDD), the user must drive
REF with a clean and accurate 1.25 V (
±5%) reference. This pin should be bypassed to AGND
with an external 0.1
µF capacitor, whether it is configured as an input or output.
5, 8, 11
AGND
Analog Ground
6, 7, 12
AVDD
Analog Power Supply, Nominally 3 V
9AIN
Positive terminal of the differential analog input for the ADC.
10
AIN
Negative terminal of the differential analog input for the ADC. This pin can be left open if
operating in single-ended mode, but it is preferable to match the impedance seen at the positive
terminal (see Driving the Analog Inputs).
13
ENCODE
Encode Clock for the ADC. The AD9214 samples the analog signal on the rising edge of ENCODE.
14
PWRDN
CMOS-compatible power-down mode select, Logic LOW for normal operation; Logic HIGH
for power-down mode (digital outputs in high impedance state). PWRDN has an internal
10 k
Ω pull-down resistor to ground.
15, 23
DGND
Digital Output Ground
16, 24
DrVDD
Digital Output Driver Power Supply. Nominally 2.5 V to 3.6 V.
17–22, 25–28
D0 (LSB)–D5,
CMOS Digital Outputs of ADC
D6–D9 (MSB)
PIN CONFIGURATION
28-Lead Shrink Small Outline Package
TOP VIEW
(Not to Scale)
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
AD9214
PWRDN
ENCODE
AVDD
AGND
AIN
AIN
AGND
OR
DFS/GAIN
REFSENSE
REF
AVDD
AVDD
AGND
DGND
DrVDD
D0 (LSB)
D1
D2
D3
D4
D9 (MSB)
D8
D7
D6
D5
DGND
DrVDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com