Electronic Components Datasheet Search
  English  ▼

X  

AD9214 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9214
Description  10-Bit, 65/80/105 MSPS 10-Bit, 65/80/105 MSPS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9214 Datasheet(HTML) 5 Page - Analog Devices

  AD9214 Datasheet HTML 1Page - Analog Devices AD9214 Datasheet HTML 2Page - Analog Devices AD9214 Datasheet HTML 3Page - Analog Devices AD9214 Datasheet HTML 4Page - Analog Devices AD9214 Datasheet HTML 5Page - Analog Devices AD9214 Datasheet HTML 6Page - Analog Devices AD9214 Datasheet HTML 7Page - Analog Devices AD9214 Datasheet HTML 8Page - Analog Devices AD9214 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
REV. D
–4–
AD9214–SPECIFICATIONS
SWITCHING SPECIFICATIONS
Test
AD9214-65
AD9214-80
AD9214-105
Parameter
Temp
Level
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
ENCODE INPUT PARAMETERS
*
Maximum Conversion Rate
Full
VI
65
80
105
MSPS
Minimum Conversion Rate
Full
IV
20
20
20
MSPS
Encode Pulsewidth High (tEH)
Full
IV
6.0
5.0
3.8
ns
Encode Pulsewidth Low (tEL)
Full
IV
6.0
5.0
3.8
ns
Aperture Delay (tA)25
°C
V
2.0
2.0
2.0
ns
Aperture Uncertainty (Jitter)
25
°C
V
3
3
3
ps rms
DATA OUTPUT PARAMETERS
Pipeline Delays
Full
IV
5
5
5
Clock Cycle
Output Valid Time (tV)*
Full
V
3.0
4.5
3.0
4.5
3.0
4.5
ns
Output Propagation Delay
* (tPD)
Full
V
4.5
6.0
4.5
6.0
4.5
6.0
ns
TRANSIENT RESPONSE TIME
25
°C
V
555
ns
OUT-OF-RANGE RECOVERY TIME
25
°C
V
555
ns
*tV and tPD are measured from the 1.5 V level of the ENCODE input to the 50% levels of the digital output swing. The digital output load during test is not to exceed
an ac load of 5 pF or a dc current of
±40 µA.
Specifications subject to change without notice.
AIN
ENCODE
D9 – D0
SAMPLE N
SAMPLE N+1
SAMPLE N+2
SAMPLE N+3
SAMPLE N+4
SAMPLE N+5
tA
tEH
tEL
1/FS
tPD
tV
DATA N–5
DATA N–4
DATA N–3
DATA N–2
DATA N–1
DATA N
Figure 1. Timing Diagram
(AVDD = 3 V, DrVDD = 3 V; ENCODE = Maximum Conversion Rate; TMIN = –40 C, TMAX = +85 C;
external 1.25 V voltage reference used, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com