Electronic Components Datasheet Search
  English  ▼

X  

ADN4621 Datasheet(PDF) 6 Page - Analog Devices

Part # ADN4621
Description  7.5 kV RMS/3.75 kV RMS, Dual-Channel LVDS 2.5 Gigabit Isolator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN4621 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADN4621 Datasheet HTML 2Page - Analog Devices ADN4621 Datasheet HTML 3Page - Analog Devices ADN4621 Datasheet HTML 4Page - Analog Devices ADN4621 Datasheet HTML 5Page - Analog Devices ADN4621 Datasheet HTML 6Page - Analog Devices ADN4621 Datasheet HTML 7Page - Analog Devices ADN4621 Datasheet HTML 8Page - Analog Devices ADN4621 Datasheet HTML 9Page - Analog Devices ADN4621 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
Data Sheet
ADN4620/ADN4621
SPECIFICATIONS
analog.com
Rev. A | 6 of 28
Table 6. RS-20 Shrink Small Outline Package [SSOP] and RI-16-3 Wide Body, with 15.1 mm Creepage [SOIC_IC] Package
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
Capacitance (Input to Output)1
CI-O
2.2
pF
Frequency = 1 MHz
Input Capacitance2
CI
3.4
pF
1 The device is considered a 2-terminal device: Pin 1 through Pin 10 are shorted together (Pin 1 through Pin 8 for SOIC_IC), and Pin 11 through Pin 20 are shorted together
(Pin 9 through Pin 16 for SOIC_IC).
2 Input capacitance is from any input data pin to ground.
REGULATORY INFORMATION
See Table 14, Table 15 and the Insulation Lifetime section for details regarding the recommended maximum working voltages for specific
cross-isolation waveforms and insulation levels.
Table 7. RS-20 Shrink Small Outline Package [SSOP]
Regulatory Agency
Standard Certification/Approval
File
UL (Pending)
To be recognized under UL 1577 Component Recognition Program1
E214100
Single protection, 3750 V rms isolation voltage
CSA (Pending)2
To be approved under CSA Component Acceptance Notice 5A
205078
CSA 62368-1-19, EN 62368-1:2020 and IEC 62368-1:2018 third edition
Basic insulation at 530 V rms
Reinforced insulation at 265 V rms
CSA 61010-1-12+A1 and IEC 61010-1 third edition
Basic insulation at 300 V rms
Reinforced insulation at 150 V rms
CSA 60601-1:14 and IEC60601-1 third edition+A1
VDE (Pending)
To be certified according to DIN V VDE V 0884-11 (VDE V 0884-11):2017-013
2471900-4880-0001
Reinforced insulation, VIORM = 1500 VPEAK, VIOSM = 6000 VPEAK
CQC (Pending)
To be certified according to GB4943.1-2011 per CQC11-471543-2015
Pending
1 In accordance with UL 1577, each ADN4620/ADN4621 is proof tested by applying an insulation test voltage ≥4500 V rms for 1 sec.
2 Working voltages are quoted for Pollution Degree 2, Material Group III. ADN4620/ADN4621 case material has been evaluated by CSA as Material Group I.
3 In accordance with DIN V VDE V 0884-11, each ADN4620/ADN4621 is proof tested by applying an insulation test voltage ≥2813 VPEAK for 1 sec (partial discharge
detection limit = 5 pC).
Table 8. RI-16-3 Wide Body, with 15.1 mm Creepage [SOIC_IC] Package
Regulatory Agency
Standard Certification/Approval
File
UL (Pending)
To be recognized under UL 1577 Component Recognition Program1
E214100
Single protection, 7500 V rms isolation voltage
CSA (Pending)2
To be approved under CSA Component Acceptance Notice 5A
205078
CSA 62368-1-19, EN 62368-1:2020 and IEC 62368-1:2018 third edition
CSA 61010-1-12+A1 and IEC 61010-1 third edition
CSA 60601-1:14 and IEC60601-1 third edition+A1
VDE (Pending)
To be certified according to DIN V VDE V 0884-11 (VDE V 0884-11):2017-013
2471900-4880-0001
Reinforced insulation, VIORM = 1500 VPEAK, VIOSM = 8000 VPEAK
CQC (Pending)
To be certified according to GB4943.1-2011 per CQC11-471543-2015
Pending
1 In accordance with UL 1577, each ADN4620/ADN4621 is proof tested by applying an insulation test voltage ≥9000 V rms for 1 sec.
2 Working voltages are quoted for Pollution Degree 2, Material Group III. ADN4620/ADN4621 case material has been evaluated by CSA as Material Group I.
3 In accordance with DIN V VDE V 0884-11, each ADN4620/ADN4621 is proof tested by applying an insulation test voltage ≥2813 VPEAK for 1 sec (partial discharge
detection limit = 5 pC).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com