Electronic Components Datasheet Search
  English  ▼

X  

ADN4621 Datasheet(PDF) 22 Page - Analog Devices

Part # ADN4621
Description  7.5 kV RMS/3.75 kV RMS, Dual-Channel LVDS 2.5 Gigabit Isolator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN4621 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADN4621 Datasheet HTML 18Page - Analog Devices ADN4621 Datasheet HTML 19Page - Analog Devices ADN4621 Datasheet HTML 20Page - Analog Devices ADN4621 Datasheet HTML 21Page - Analog Devices ADN4621 Datasheet HTML 22Page - Analog Devices ADN4621 Datasheet HTML 23Page - Analog Devices ADN4621 Datasheet HTML 24Page - Analog Devices ADN4621 Datasheet HTML 25Page - Analog Devices ADN4621 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
Data Sheet
ADN4620/ADN4621
THEORY OF OPERATION
analog.com
Rev. A | 22 of 28
The ADN4620/ADN4621 are high speed, differential signal isolators
capable of switching up to 2.5 Gbps with signal levels compliant
to TIA/EIA-644-A. The devices couple differential signals applied to
the LVDS receiver inputs across the isolation barrier to the outputs
on the other side and retransmit the bit stream or clock as LVDS.
This integration allows drop-in isolation of LVDS signal chains and
isolation of other signals, such as CML.
The LVDS receiver detects the differential voltage present across a
termination resistor on an LVDS input. An integrated digital isolator
transmits the input state across the isolation barrier, and an LVDS
driver outputs the same state as the input.
When there is a positive differential voltage of ≥100 mV across
a termination resistor between any DINx+ pin and a corresponding
DINx− pin, the corresponding DOUTx+ pin sources current. This cur-
rent flows across the connected transmission line and termination
at the receiver at the far end of the bus, while the DOUTx− pin sinks
the return current. When there is a negative differential voltage of
≤−100 mV across any DINx± pin, the corresponding DOUTx+ pin sinks
current while the DOUTx− pin sources the current. Table 22 shows
these input and output combinations.
The output drive current is between ±2.5 mA and ±4.5 mA (typically
±3.1 mA), developing between ±250 mV and ±450 mV across a
100 Ω termination resistor (RT). The received voltage is centered
around 1.2 V. Because the differential voltage (VID) reverses polari-
ty, the peak-to-peak voltage swing across RT is twice the differential
voltage magnitude (|VID|).
ISOLATION AND REFRESH
In response to any change in the input state detected by the
integrated LVDS receiver, an encoder circuit sends narrow (~1 ns)
pulses to a decoder circuit using integrated transformer coils. The
decoder is bistable and is, therefore, either set or reset by the
pulses that indicate input transitions. The decoder state determines
the LVDS driver output state in normal operation, which reflects the
isolated LVDS buffer input state.
For normal operation of the ADN4620/ADN4621, the active low
enable pins on the SSOP models, REFRESH1 and REFRESH2,
are shorted to the same respective PCB grounds as the GND1
and GND2 pins to enable a refresh function. When enabled, this
function means that in the absence of input transitions for more
than approximately 1 µs, a periodic set of refresh pulses, indicative
of the correct input state, ensures dc correctness at the output
(including the fail-safe output state, if applicable). This function is
permanently enabled for the SOIC_IC models.
On power-up, the output state may initially be in the incorrect dc
state if there are no input transitions. The output state is corrected
within 1 µs by the refresh pulses.
If the decoder receives no internal pulses for more than approxi-
mately 1 µs, the device assumes that the input side is unpowered
or nonfunctional, in which case the output is set to a positive
differential voltage (logic high).
For clocks, constant bit streams, or protocols with error correction,
the refresh functionality may not be required. If the REFRESH1
and REFRESH2 pins on the SSOP models are shorted to the
same respective power supplies as the VDD1 and VDD2 pins, the
refresh functionality is disabled, allowing for lower power operation
with no internal clock-like signals (potentially reducing conducted or
radiated emissions). In this mode of operation, a new data transition
at the input may be required to correct the output state, either
after power-up or after a common-mode transient event beyond the
guaranteed common-mode transient immunity specification.
TRUTH TABLE
The LVDS standard, TIA/EIA-644-A, defines normal receiver opera-
tion under two conditions: an input differential voltage of ≥+100 mV
corresponding to one logic state, and a voltage of ≤−100 mV for
the other logic state. Between these thresholds, the standard LVDS
receiver operation is undefined (the LVDS receiver can detect either
state), as shown in Table 22.
Table 22. Input and Output Operation
Input (DINx±)
Output (DOUTx±)
Powered On
VID (mV)
Logic
Powered On
VOD (mV)
Logic
Yes
≥100
High
Yes
≥250
High
Yes
≤−100
Low
Yes
≤−250
Low
Yes
−100 < VID < +100
Indeterminate
Yes
Indeterminate
Indeterminate
No
Don’t care
Don’t care
Yes
≥250
High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com