Electronic Components Datasheet Search
  English  ▼

X  

ADN4621 Datasheet(PDF) 27 Page - Analog Devices

Part # ADN4621
Description  7.5 kV RMS/3.75 kV RMS, Dual-Channel LVDS 2.5 Gigabit Isolator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN4621 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADN4621 Datasheet HTML 20Page - Analog Devices ADN4621 Datasheet HTML 21Page - Analog Devices ADN4621 Datasheet HTML 22Page - Analog Devices ADN4621 Datasheet HTML 23Page - Analog Devices ADN4621 Datasheet HTML 24Page - Analog Devices ADN4621 Datasheet HTML 25Page - Analog Devices ADN4621 Datasheet HTML 26Page - Analog Devices ADN4621 Datasheet HTML 27Page - Analog Devices ADN4621 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
Data Sheet
ADN4620/ADN4621
OUTLINE DIMENSIONS
analog.com
Rev. A | 27 of 28
Figure 43. 20-Lead Shrink Small Outline Package [SSOP]
(RS-20)
Dimensions shown in millimeters
Figure 44. 16-Lead Standard Small Outline Package, with 15.1 mm Creepage [SOIC_IC]
Wide Body
(RI-16-3)
Dimensions shown in millimeters
Updated: September 01, 2022
ORDERING GUIDE
Model1
Temperature Range
Package Description
Packing Quantity
Package Option
ADN4620BRIZ
-40°C to +125°C
SOIC INCREASED CREEPAGE
RI-16-3
ADN4620BRIZ-RL
-40°C to +125°C
SOIC INCREASED CREEPAGE
Reel, 500
RI-16-3
ADN4620BRSZ
-40°C to +125°C
20-Lead SSOP
RS-20
ADN4620BRSZ-RL
-40°C to +125°C
20-Lead SSOP
Reel, 1500
RS-20
ADN4621BRIZ
-40°C to +125°C
SOIC INCREASED CREEPAGE
RI-16-3
ADN4621BRIZ-RL
-40°C to +125°C
SOIC INCREASED CREEPAGE
Reel, 500
RI-16-3
ADN4621BRSZ
-40°C to +125°C
20-Lead SSOP
RS-20
ADN4621BRSZ-RL
-40°C to +125°C
20-Lead SSOP
Reel, 1500
RS-20
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com