Electronic Components Datasheet Search
  English  ▼

X  

ADN4621 Datasheet(PDF) 14 Page - Analog Devices

Part # ADN4621
Description  7.5 kV RMS/3.75 kV RMS, Dual-Channel LVDS 2.5 Gigabit Isolator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN4621 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADN4621 Datasheet HTML 10Page - Analog Devices ADN4621 Datasheet HTML 11Page - Analog Devices ADN4621 Datasheet HTML 12Page - Analog Devices ADN4621 Datasheet HTML 13Page - Analog Devices ADN4621 Datasheet HTML 14Page - Analog Devices ADN4621 Datasheet HTML 15Page - Analog Devices ADN4621 Datasheet HTML 16Page - Analog Devices ADN4621 Datasheet HTML 17Page - Analog Devices ADN4621 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
Data Sheet
ADN4620/ADN4621
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
analog.com
Rev. A | 14 of 28
Figure 7. ADN4620 Pin Configuration, SOIC_IC
Table 20. ADN4620 SOIC_IC Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 7
GND1
Ground, Side 1.
2
VIO1
3.3 V Input/Output Power Supply for Side 1. Bypass to the adjacent GND1 pin with a 0.1 μF capacitor.
3
DIN1+
Noninverted Differential Input 1.
4
DIN1−
Inverted Differential Input 1.
5
DIN2+
Noninverted Differential Input 2.
6
DIN2−
Inverted Differential Input 2.
8
VDD1
1.8 V Power Supply for Side 1. Bypass to the adjacent GND1 pin with a 0.1 μF capacitor.
9, 15
GND2
Ground, Side 2.
10
NIC
Not internally connected.
11
DOUT2−
Inverted Differential Output 2.
12
DOUT2+
Noninverted Differential Output 2.
13
DOUT1−
Inverted Differential Output 1.
14
DOUT1+
Noninverted Differential Output 1.
16
VDD2
1.8 V Power Supply for Side 2. Bypass to the adjacent GND2 pin with a 0.1 μF capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com