Electronic Components Datasheet Search
  English  ▼

X  

ADN4621 Datasheet(PDF) 11 Page - Analog Devices

Part # ADN4621
Description  7.5 kV RMS/3.75 kV RMS, Dual-Channel LVDS 2.5 Gigabit Isolator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN4621 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADN4621 Datasheet HTML 7Page - Analog Devices ADN4621 Datasheet HTML 8Page - Analog Devices ADN4621 Datasheet HTML 9Page - Analog Devices ADN4621 Datasheet HTML 10Page - Analog Devices ADN4621 Datasheet HTML 11Page - Analog Devices ADN4621 Datasheet HTML 12Page - Analog Devices ADN4621 Datasheet HTML 13Page - Analog Devices ADN4621 Datasheet HTML 14Page - Analog Devices ADN4621 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Data Sheet
ADN4620/ADN4621
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. A | 11 of 28
Table 15. Maximum Continuous Working Voltage, RI-16-3 Wide Body, with 15.1 mm Creepage [SOIC_IC] Package
Parameter1
Rating
Constraint
DC Voltage
Basic Insulation
3020 V dc
Rating limited by package creepage per IEC 60664-1.
Reinforced Insulation
1507 V dc
Rating limited by package creepage per IEC 60664-1.
1 Maximum continuous working voltage refers to the continuous voltage magnitude imposed across the isolation barrier in a Pollution Degree 2 environment. See the
Insulation Lifetime section for more details.
ELECTROSTATIC DISCHARGE (ESD) RATINGS
The following ESD information is provided for handling of ESD-sen-
sitive devices in an ESD protected area only.
Human body model (HBM) per ANSI/ESDA/JEDEC JS-001.
International electrotechnical commission (IEC) electromagnetic
compatibility: Part 4-2 (IEC) per IEC 61000-4-2.
ESD Ratings for ADN4620/ADN4621
Table 16. ADN4620/ADN4621, 20-Lead SSOP
ESD Model
Withstand Threshold (V)
Class
HBM1
±3000
2
IEC2
±7000 (contact discharge)
Level 3
1 All pins to respective GNDx pins, 1.5 kΩ, 100 pF.
2 LVDS pins to isolated GNDx pins across isolation barrier.
Table 17. ADN4620/ADN4621, 16-Lead SOIC_IC
ESD Model
Withstand Threshold (V)
Class
HBM1
±3000
2
IEC2
±8000 (contact discharge)
Level 4
1 All pins to respective GNDx pins, 1.5 kΩ, 100 pF.
2 LVDS pins to isolated GNDx pins across isolation barrier.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Charged devi-
ces and circuit boards can discharge without detection. Although
this product features patented or proprietary protection circuitry,
damage may occur on devices subjected to high energy ESD.
Therefore, proper ESD precautions should be taken to avoid
performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com