Electronic Components Datasheet Search
  English  ▼

X  

ML22Q533 Datasheet(PDF) 108 Page - Rohm

Part # ML22Q533
Description  4-Channel Mixin g Speec h Synthesis LSIs with Built-in Flash M emor y fo r Automotive
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

ML22Q533 Datasheet(HTML) 108 Page - Rohm

Back Button ML22Q533 Datasheet HTML 104Page - Rohm ML22Q533 Datasheet HTML 105Page - Rohm ML22Q533 Datasheet HTML 106Page - Rohm ML22Q533 Datasheet HTML 107Page - Rohm ML22Q533 Datasheet HTML 108Page - Rohm ML22Q533 Datasheet HTML 109Page - Rohm ML22Q533 Datasheet HTML 110Page - Rohm ML22Q533 Datasheet HTML 111Page - Rohm ML22Q533 Datasheet HTML 112Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 178 page
background image
FEDL22Q53X-02
ML22Q53X
 AMODE command
・ Command
0
0
0
0
0
1
DAMP
HPF
1st byte
FAD
DAG1
DAG0
AIG1
AIG0
AEN1
AEN0
POP
2nd byte
The AMODE command sets the analog part.
The AMODE command is ignored during power-down, power-up transition, power-down transition and playback sound.
When the PDWN command is input while powering up the analog parts, the LSI power downs on the setting condition when
powering up the analog parts by the AMODE command. To perform power-down under a setting condition that differs from
the power-up condition of the analog unit, set the AMODE command to set the power-down condition again.
To power up the analog part, set the CVOL command to 00h (initial value) and then enter the AMODE command.
The settings are initialized when the reset is released or when the PDWN command is inputted.
Each setting is as follows.
DAMP
Description
0
Use Class AB amplifier for speaker amplifier output.
1
Use Class D amplifier for speaker amplifier output.
When using line amplifier and using analog mixing from the AIN pin, set DAMP = "0" (Class AB amplifier is used).
In this LSI, select DAMP = "0" (Class AB amplifier is used).
HPF
Description
0
No high-pass filter is used.
1
Use a high-pass filter with a cut-off frequency of 200Hz
FAD
Description
0
Fade-out is not processed when inputting STOP command.
1
Fade out when inputting STOP command
The fade-out processing BUSYB signal becomes "L" and becomes "H" after processing is completed.
DAG1
DAG0
Description
0
0
Internal DAC signal input OFF
0
1
Internal DAC signal input ON (-6 dB)
1
0
Internal DAC signal input ON (0dB)
1
1
Internal DAC signal input ON (0dB) (setting prohibited)
The setting is enabled in the speaker amplifier output mode when using Class AB amplifier.
Refer to the "Volume Settings" in the "Function description".
AIG1
AIG0
Description
0
0
Analog input from the AIN pin OFF
0
1
Analog input from AIN pin ON (-6 dB)
1
0
Analog input from AIN pin ON (0dB)
1
1
Analog input from AIN pin ON (0dB) (setting prohibited)
Input the sound signals to the AIN pin after CBUSYB pin becomes "H" by the AMODE command.
The setting is enabled in the speaker amplifier output mode only when using Class AB amplifier.
Refer to the "Volume Settings" in the "Function description".
108/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com