Electronic Components Datasheet Search
  English  ▼

X  

ML22Q533 Datasheet(PDF) 111 Page - Rohm

Part # ML22Q533
Description  4-Channel Mixin g Speec h Synthesis LSIs with Built-in Flash M emor y fo r Automotive
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

ML22Q533 Datasheet(HTML) 111 Page - Rohm

Back Button ML22Q533 Datasheet HTML 107Page - Rohm ML22Q533 Datasheet HTML 108Page - Rohm ML22Q533 Datasheet HTML 109Page - Rohm ML22Q533 Datasheet HTML 110Page - Rohm ML22Q533 Datasheet HTML 111Page - Rohm ML22Q533 Datasheet HTML 112Page - Rohm ML22Q533 Datasheet HTML 113Page - Rohm ML22Q533 Datasheet HTML 114Page - Rohm ML22Q533 Datasheet HTML 115Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 178 page
background image
FEDL22Q53X-02
ML22Q53X
 AVOL command
・ Command
0
0
0
0
1
0
0
0
1st byte
0
0
AV5
AV4
AV3
AV2
0
0
2nd byte
The AVOL command sets the volume of the speaker amplifier. This command can be input regardless of the NCR signal
status.
The initial value after reset release is set to-4.0dB. Also, the setting values of the AVOL command are retained when the
STOP command is inputted, but they are initialized when the power is down.
AV5-AV2
Description
AV5-AV2
Description
F
+12.0dB
7
-8.0dB
E
+10.0dB
6
-12.0dB
D
+8.0dB
5
-18.0dB
C
+6.0dB
4
-26.0dB
B
+4.0dB
3
-34.0dB
A
+2.0dB
2
Prohibited
9
+0.0dB
1
Prohibited
8
-4.0dB (initial value)
0
OFF
For timing of the AVOL command, refer to the "Change volume timing by AVOL command" in the timing chart.
111/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com