Electronic Components Datasheet Search
  English  ▼

X  

ML22Q533 Datasheet(PDF) 113 Page - Rohm

Part # ML22Q533
Description  4-Channel Mixin g Speec h Synthesis LSIs with Built-in Flash M emor y fo r Automotive
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

ML22Q533 Datasheet(HTML) 113 Page - Rohm

Back Button ML22Q533 Datasheet HTML 109Page - Rohm ML22Q533 Datasheet HTML 110Page - Rohm ML22Q533 Datasheet HTML 111Page - Rohm ML22Q533 Datasheet HTML 112Page - Rohm ML22Q533 Datasheet HTML 113Page - Rohm ML22Q533 Datasheet HTML 114Page - Rohm ML22Q533 Datasheet HTML 115Page - Rohm ML22Q533 Datasheet HTML 116Page - Rohm ML22Q533 Datasheet HTML 117Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 178 page
background image
FEDL22Q53X-02
ML22Q53X
 FDIRECT command
・ Command
0
0
0
1
0
0
0
0
1st byte
PRT7
PRT6
PRT5
PRT4
PRT3
PRT2
PRT1
PRT0
2nd byte
The FDIRECT command controls accesses to the flash memory using the clock synchronous serial interface.
Input the command after inputting the PUP command.
If the protection code of the flash memory area is not 0x69 and the protection codes (PRT7 to PRT0) entered in the second
byte match the protection code set when creating sound data, the flash memory access mode is entered. After that, the flash
memory can be accessed using the clock synchronous serial interface.
If the protection code set when creating sound data is 0x69, the flash memory does not change to flash memory access mode
even if the code matches.
To cancel the flash memory access mode, insert a reset (RESETB = "L") and conduct initialization or turn off the power
supply.
Do not enter this command because this command is ignored when this command is entered from the I
2C interface.
For the protection codes of the flash memory area, refer to the "Speech LSI Utility Setting Items".
For the timing of the FDIRECT command, refer to the "FDIRECT command timing" in the timing chart.
113/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com