Electronic Components Datasheet Search
  English  ▼

X  

ML22Q533 Datasheet(PDF) 110 Page - Rohm

Part # ML22Q533
Description  4-Channel Mixin g Speec h Synthesis LSIs with Built-in Flash M emor y fo r Automotive
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

ML22Q533 Datasheet(HTML) 110 Page - Rohm

Back Button ML22Q533 Datasheet HTML 106Page - Rohm ML22Q533 Datasheet HTML 107Page - Rohm ML22Q533 Datasheet HTML 108Page - Rohm ML22Q533 Datasheet HTML 109Page - Rohm ML22Q533 Datasheet HTML 110Page - Rohm ML22Q533 Datasheet HTML 111Page - Rohm ML22Q533 Datasheet HTML 112Page - Rohm ML22Q533 Datasheet HTML 113Page - Rohm ML22Q533 Datasheet HTML 114Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 178 page
background image
FEDL22Q53X-02
ML22Q53X
Pin states at AMODE power-down are as follows.
Analog output pin
Condition
VDDL
2.5V(typ)
VDDR
3.0V(typ)
SG
DGND
SPM
HiZ
SPP
SPGND
LOUT
DGND
The timing of AMODE command is shown in the timing chart.
"Speaker amplifier power-up timing (DAMP bit
"0", AEN1 bit "0", AEN0 bit "0"→ "1")"
"Line amplifier power-up timing (DAMP bit = "0", POP bit = "1", AEN1 bit = "0"
→ "1", AEN0 bit = "0") "
"Line amplifier power-up timing (DAMP bit = "0", POP bit = "0", AEN1 bit = "0"
→ "1", AEN0 bit = "0")"
"Line amplifier power-up timing (DAMP bit "0", POP bit "1", AEN1 bit "0"
→ "1", AEN0 bit = "0" → "1")"
"Line amplifier power-up timing (DAMP bit "0", POP bit "0", AEN1 bit "0"
→ "1", AEN0 bit = "0" → "1")"
"Speaker amplifier power-down timing (DAMP bit "0", AEN1 bi
t "0", AEN0 bit "1"→"0")"
"Line amplifier power-down timing (DAMP bit = "0", POP bit = "1", AEN1 bit = "1"
→ "0", AEN0 bit = "0")"
"Line amplifier power-down timing (DAMP bit = "0", POP bit = "0", AEN1 bit = "1"
→ "0", AEN0 bit = "0")"
"Line amplifier power-down timing (DAMP bit = "0", POP bit = "1", AEN1 bit = "1"
→ "0", AEN0 bit = "1" → "0")"
"Line amplifier power-down timing (DAMP bit = "0", POP bit = "0", AEN1 bit = "1"
→ "0, AEN0 bit = "1" → "0")"
110/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com